Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S8821 Datasheet(PDF) 1 Page - Seiko Instruments Inc

Part # S8821
Description  VOLTAGE REGULATION BOOST CHARGE PUMP DC-DC CONVERTER
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S8821 Datasheet(HTML) 1 Page - Seiko Instruments Inc

  S8821 Datasheet HTML 1Page - Seiko Instruments Inc S8821 Datasheet HTML 2Page - Seiko Instruments Inc S8821 Datasheet HTML 3Page - Seiko Instruments Inc S8821 Datasheet HTML 4Page - Seiko Instruments Inc S8821 Datasheet HTML 5Page - Seiko Instruments Inc S8821 Datasheet HTML 6Page - Seiko Instruments Inc S8821 Datasheet HTML 7Page - Seiko Instruments Inc S8821 Datasheet HTML 8Page - Seiko Instruments Inc S8821 Datasheet HTML 9Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
S-8821 Series
www.sii-ic.com
VOLTAGE REGULATION
BOOST CHARGE PUMP DC-DC CONVERTER
© SII Semiconductor Corporation, 2002-2017
Rev.5.1_02
1
The S-8821 series is a CMOS boost charge pump DC-DC converter with a voltage regulation function.
The S-8821 series consists of an oscillation circuit, a controller, a reference voltage circuit, an error amplifier
circuit, and an output switching transistor, and can regulate the output voltage by PFM control.
Since small ceramic capacitors can be used for the pump capacitor, input capacitor, and output capacitor, the
mounting area can be minimized.
Features
• PFM control CMOS boost charge pump
• Power supply voltage:
1.6 to 5.0 V
• Output voltage:
2.5 to 5.5 V, selectable in 0.1 V steps.
• Output voltage accuracy:
±2 % max.
• Built-in soft start circuit:
1.0 ms typ.
• Output current
25 mA (VIN=(VOUT(S)
× 0.80) V)
• Oscillation frequency:
1.0 MHz typ.
• ON/OFF function:
During standby: 1
μA max.
• Lead-free, Sn 100%, halogen-free
*1
*1. Refer to “ Product Name Structure” for details.
Applications
• Lithium ion battery driven applications
• Local power supply
• Power supply for white LED display backlights
Packages
• SOT-23-6W
• SNT-8A


Similar Part No. - S8821

ManufacturerPart #DatasheetDescription
logo
Bothhand USA, LP.
S8822 BOTHHAND-S8822 Datasheet
53Kb / 1P
T1/CEPT/ISDN-PRI TRANSFORMER
logo
Seiko Instruments Inc
S8823A SII-S8823A Datasheet
2Mb / 28P
ENERGY HARVESTING POWERED BY ULTRA-LOW POWER AND ULTRA-LOW VOLTAGE OPERATION BOOST CHARGE PUMP
logo
Bothhand USA, LP.
S8825 BOTHHAND-S8825 Datasheet
112Kb / 1P
T1/CEPT/ISDN-PRI TRANSFORMER
More results

Similar Description - S8821

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC7660 ONSEMI-MC7660 Datasheet
191Kb / 12P
Charge Pump DC-to-DC Voltage Converter
February, 2000 ??Rev. 2
logo
TelCom Semiconductor, I...
TC1044S TELCOM-TC1044S Datasheet
141Kb / 8P
CHARGE PUMP DC-TO-DC VOLTAGE CONVERTER
TC7662B TELCOM-TC7662B Datasheet
133Kb / 9P
CHARGE PUMP DC-TO-DC VOLTAGE CONVERTER
logo
Microchip Technology
TC1044S MICROCHIP-TC1044S Datasheet
92Kb / 11P
Charge Pump DC-TO-DC Voltage Converter
2001
TC7660 MICROCHIP-TC7660 Datasheet
91Kb / 12P
CHARGE PUMP DC-TO-DC VOLTAGE CONVERTER
2001
logo
Seiko Instruments Inc
S-8821 SII-S-8821 Datasheet
199Kb / 19P
VOLTAGE REGULATION STEP-UP CHARGE PUMP DC-DC CONVERTER
logo
Unisonic Technologies
ME7660 UTC-ME7660 Datasheet
151Kb / 5P
CHARGE PUMP DC-DC VOLTAGE CONVERTER
ME7660 UTC-ME7660_15 Datasheet
151Kb / 5P
CHARGE PUMP DC-DC VOLTAGE CONVERTER
logo
ON Semiconductor
LV52130N0XA ONSEMI-LV52130N0XA Datasheet
441Kb / 19P
1coil Boost DC-DC converter and Inverter Charge Pump
October 2015 - Rev. 0
logo
ABLIC Inc.
S-8821 ABLIC-S-8821 Datasheet
424Kb / 24P
VOLTAGE REGULATION BOOST CHARGE PUMP DC-DC CONVERTER
Rev.5.1_03
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com