Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S8821 Datasheet(PDF) 12 Page - Seiko Instruments Inc

Part # S8821
Description  VOLTAGE REGULATION BOOST CHARGE PUMP DC-DC CONVERTER
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S8821 Datasheet(HTML) 12 Page - Seiko Instruments Inc

Back Button S8821 Datasheet HTML 8Page - Seiko Instruments Inc S8821 Datasheet HTML 9Page - Seiko Instruments Inc S8821 Datasheet HTML 10Page - Seiko Instruments Inc S8821 Datasheet HTML 11Page - Seiko Instruments Inc S8821 Datasheet HTML 12Page - Seiko Instruments Inc S8821 Datasheet HTML 13Page - Seiko Instruments Inc S8821 Datasheet HTML 14Page - Seiko Instruments Inc S8821 Datasheet HTML 15Page - Seiko Instruments Inc S8821 Datasheet HTML 16Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 24 page
background image
VOLTAGE REGULATION BOOST CHARGE PUMP DC-DC CONVERTER
S-8821 Series
Rev.5.1_02
12
External Capacitor Selection
1. Input and Output Capacitors (CIN, COUT)
The input capacitor (CIN) lowers the power supply impedance and averages the input current.
The CIN value is selected according to the impedance of the power supply that is used. Select a ceramic
capacitor with a small equivalent series resistance (ESR). Although this figure varies according to the
impedance of the power supply that is used as well as the load current value, it is generally in the range
of 4.7
μF to 10 μF.
For the output capacitor (COUT), select a ceramic capacitor with a small ESR for smoothing the ripple
voltage. A value of 10
μF is recommended for the capacitance value. Use of a capacitor with a
capacitance lower than 10
μF results in a larger ripple voltage. Conversely, use of a capacitor with a
capacitance greater than 10
μF results in the output voltage not being able to rise up to setting value
and the impossibility to obtain the desired output current.
2. Pump Capacitor (CPUMP)
The pump capacitor (CPUMP) is required for boosting the voltage. Select a ceramic capacitor with a small
ESR. A capacitance value of 0.10
μF is recommended. Use of a capacitor with a capacitance greater
than 0.10
μF results in a larger ripple voltage. Conversely, use of a capacitor with a capacitance lower
than 0.10
μF results in the output voltage not being able to raise up to setting value and the impossibility
to obtain the desired output current.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com