Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S8821 Datasheet(PDF) 6 Page - Seiko Instruments Inc

Part # S8821
Description  VOLTAGE REGULATION BOOST CHARGE PUMP DC-DC CONVERTER
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S8821 Datasheet(HTML) 6 Page - Seiko Instruments Inc

Back Button S8821 Datasheet HTML 2Page - Seiko Instruments Inc S8821 Datasheet HTML 3Page - Seiko Instruments Inc S8821 Datasheet HTML 4Page - Seiko Instruments Inc S8821 Datasheet HTML 5Page - Seiko Instruments Inc S8821 Datasheet HTML 6Page - Seiko Instruments Inc S8821 Datasheet HTML 7Page - Seiko Instruments Inc S8821 Datasheet HTML 8Page - Seiko Instruments Inc S8821 Datasheet HTML 9Page - Seiko Instruments Inc S8821 Datasheet HTML 10Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
VOLTAGE REGULATION BOOST CHARGE PUMP DC-DC CONVERTER
S-8821 Series
Rev.5.1_02
6
Absolute Maximum Ratings
Table 4
(Ta=25
°C unless otherwise specified)
Items
Symbols
Absolute Maximum Ratings
Units
C
+ pin voltage
VC+
VGND
−0.3 to VGND+7.5
V
C
− pin voltage
VC−
VGND
−0.3 to VGND+7
V
VIN pin voltage
VIN
VGND
−0.3 to VGND+5.5
V
VOUT pin voltage
VOUT
VGND
−0.3 to VGND+7
V
ON/OFF pin voltage
VON/OFF
VGND
−0.3 to VIN+0.3
V
Power dissipation
SOT-23-6W
PD
300 (When not mounted on board)
mW
650
*1
mW
SNT-8A
450
*1
mW
Operating ambient temperature
Topr
−40 to +85
°C
Storage temperature
Tstg
−40 to +125
°C
*1. When mounted on board
[Mounted board]
(1) Board size:
114.3 mm
× 76.2 mm × t1.6 mm
(2) Board name: JEDEC STANDARD51-7
Caution The absolute maximum ratings are rated values exceeding which the product could suffer
physical damage. These values must therefore not be exceeded under any conditions.
(1) When mounted on board
(2) When not mounted on board
0
50
100
150
600
400
200
0
Ambient Temperature Ta (
°C)
500
300
100
700
800
SOT-23-6W
SNT-8A
0
50
100
150
300
200
100
0
Ambient Temperature Ta (
°C)
250
150
50
350
400
Figure 4 Power Dissipation of Package



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com