Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PD035VX2 Datasheet(PDF) 20 Page - AZ Displays

Part # PD035VX2
Description  TFT-LCD Module
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AZDISPLAYS [AZ Displays]
Direct Link  http://www.azdisplays.com
Logo AZDISPLAYS - AZ Displays

PD035VX2 Datasheet(HTML) 20 Page - AZ Displays

Back Button PD035VX2 Datasheet HTML 16Page - AZ Displays PD035VX2 Datasheet HTML 17Page - AZ Displays PD035VX2 Datasheet HTML 18Page - AZ Displays PD035VX2 Datasheet HTML 19Page - AZ Displays PD035VX2 Datasheet HTML 20Page - AZ Displays PD035VX2 Datasheet HTML 21Page - AZ Displays PD035VX2 Datasheet HTML 22Page - AZ Displays PD035VX2 Datasheet HTML 23Page - AZ Displays PD035VX2 Datasheet HTML 24Page - AZ Displays Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 26 page
background image
PD035VX2
The information contained herein is the exclusive property of Prime View International Co., Ltd. and shall not be
distributed, reproduced, or disclosed in whole or in part without prior written permission of Prime View International Co.,
Ltd.
Page:20
Note 13-3: Definition of Response Time Tr and Tf:
100%
90%
10%
0%
White
White
Black
Tr
Tf
Note 13-4: The definition of contrast ratio
CR
Luminance at gray level 63
Luminance at gray level 0
=
Note 13-5 : The uniformity of LCD is defined as
The Minimum Brightness of the 9 testing Points
U =
The Maximum Brightness of the 9 testing Points
Luminance meter : BM-5A or BM-7 fast (TOPCON)
Measurement distance : 500 mm +/- 50 mm
Ambient illumination : < 1 Lux
Measuring direction : Perpendicular to the surface of module
The test pattern is white (Gray Level 63).
1/6
1/6
2/6
2/6
1/6
1 /6
2/6
2 /6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com