Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PD035VX2 Datasheet(PDF) 10 Page - AZ Displays

Part # PD035VX2
Description  TFT-LCD Module
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AZDISPLAYS [AZ Displays]
Direct Link  http://www.azdisplays.com
Logo AZDISPLAYS - AZ Displays

PD035VX2 Datasheet(HTML) 10 Page - AZ Displays

Back Button PD035VX2 Datasheet HTML 6Page - AZ Displays PD035VX2 Datasheet HTML 7Page - AZ Displays PD035VX2 Datasheet HTML 8Page - AZ Displays PD035VX2 Datasheet HTML 9Page - AZ Displays PD035VX2 Datasheet HTML 10Page - AZ Displays PD035VX2 Datasheet HTML 11Page - AZ Displays PD035VX2 Datasheet HTML 12Page - AZ Displays PD035VX2 Datasheet HTML 13Page - AZ Displays PD035VX2 Datasheet HTML 14Page - AZ Displays Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 26 page
background image
PD035VX2
The information contained herein is the exclusive property of Prime View International Co., Ltd. and shall not be
distributed, reproduced, or disclosed in whole or in part without prior written permission of Prime View International Co.,
Ltd.
Page:10
7-3) Power Consumption
GND = 0 V, Ta = 25℃
Parameter
Symbol
Condition
Typ.
Max.
Unit
Remark
Supply Current for Gate Driver (Hi level)
IGG
VGG=+17V
0.12
0.15
mA
Supply Current for Gate Driver (Low level)
IEE
VEE=-10V
0.15
0.19
mA
Supply Current for Source Driver (Digital)
IDD1
VDD1=+3.3V
4.8
8.0
mA
Supply Current for Source Driver (Analog)
IDD2
VDD2=+10V
16.0
30.0
mA
Supply Current for Gate Driver (Digital)
ICC
VCC=+3.3V
0.17
0.21
mA
LCD Panel Power Consumption
-
-
180
332
mW
Backlight Power Consumption
PLED
-
384
456
mW
Total Power Consumption
-
-
564
788
mW
8. Pixel Arrangement
The LCD module pixel arrangement is the stripe.
3rd Line
2nd Line
1st Line
480th Line
1st Pixel
640th Pixel
1 Pixel =
B
B
B
R
R
R
G
G
G
B
B
B
R
R
R
G
G
G
B
B
B
R
R
R
G
G
G
R
B
G
R
B
G
R
B
G
479 th Line
478th Line
R
B
G
R
B
G
R
B
G
R
B
G
R
B
G
R
B
G
R
B
G



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com