Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PD035VX2 Datasheet(PDF) 26 Page - AZ Displays

Part # PD035VX2
Description  TFT-LCD Module
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AZDISPLAYS [AZ Displays]
Direct Link  http://www.azdisplays.com
Logo AZDISPLAYS - AZ Displays

PD035VX2 Datasheet(HTML) 26 Page - AZ Displays

Back Button PD035VX2 Datasheet HTML 18Page - AZ Displays PD035VX2 Datasheet HTML 19Page - AZ Displays PD035VX2 Datasheet HTML 20Page - AZ Displays PD035VX2 Datasheet HTML 21Page - AZ Displays PD035VX2 Datasheet HTML 22Page - AZ Displays PD035VX2 Datasheet HTML 23Page - AZ Displays PD035VX2 Datasheet HTML 24Page - AZ Displays PD035VX2 Datasheet HTML 25Page - AZ Displays PD035VX2 Datasheet HTML 26Page - AZ Displays  
Zoom Inzoom in Zoom Outzoom out
 26 / 26 page
background image
PD035VX2
The information contained herein is the exclusive property of Prime View International Co., Ltd. and shall not be
distributed, reproduced, or disclosed in whole or in part without prior written permission of Prime View International Co.,
Ltd.
Page:26
Appendix
20K 5%
1KVR
2K 5%
2SC2412
20mA , 1V
0.1μF
0.1μF
47μF
25V
LED
VLED
(Pin 02)
15 + 0.5V
GLED1
(Pin 01)
VC1
VE1
VB1
49.9 Ω,1%
1/16W
20K 5%
1KVR
2K 5%
2SC2412
20mA , 1V
0.1μF
0.1μF
47μF
25V
LED
VLED
(Pin 04)
15 + 0.5V
VC2
VE2
VB2
49.9 Ω,1%
1/16W
GLED2
(Pin 03)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com