Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PD035VX2 Datasheet(PDF) 7 Page - AZ Displays

Part # PD035VX2
Description  TFT-LCD Module
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AZDISPLAYS [AZ Displays]
Direct Link  http://www.azdisplays.com
Logo AZDISPLAYS - AZ Displays

PD035VX2 Datasheet(HTML) 7 Page - AZ Displays

Back Button PD035VX2 Datasheet HTML 3Page - AZ Displays PD035VX2 Datasheet HTML 4Page - AZ Displays PD035VX2 Datasheet HTML 5Page - AZ Displays PD035VX2 Datasheet HTML 6Page - AZ Displays PD035VX2 Datasheet HTML 7Page - AZ Displays PD035VX2 Datasheet HTML 8Page - AZ Displays PD035VX2 Datasheet HTML 9Page - AZ Displays PD035VX2 Datasheet HTML 10Page - AZ Displays PD035VX2 Datasheet HTML 11Page - AZ Displays Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 26 page
background image
PD035VX2
The information contained herein is the exclusive property of Prime View International Co., Ltd. and shall not be
distributed, reproduced, or disclosed in whole or in part without prior written permission of Prime View International Co.,
Ltd.
Page:7
Note 5-1 VGG= +17V.
Note 5-2 VEE= -10V.
Note 5-3: Select left or right shift
R/L
DIO1
DIO2
Shift
1
Input
Hi-Z
Left to right
0
Hi-Z
Input
Right to left
Note 5-4: Gate driver shift clock
Note 5-5: When OE is connected to high “1”, the driver outputs are disabled (Gate output = VEE).
Under this condition, the operation of registers will not be affected.
Note 5-6: Select up or down shift
U/D
STVU
STVD
Shift
1
Hi-Z
Input
Down to Up
0
Input
Hi-Z
Up to Down
Note 5-7 Latch the polarity of outputs and switch the new data to outputs
At the rising edge (LD), latch the “POL” signal to control the polarity of the outputs.
Note 5-8 Control whether the Data R0~G5 are inverted or not. (PVI suggests connecting to GND)
When “REV=1”, these data will be inverted.
EX: “00”→”3F”, “07”→”38”, “15”→”2A”
Note 5-9: Polarity selector for dot-inversion control. Available at the rising edge of LD.
When POL=1: Even outputs range from V1~V7, and Odd outputs range from V8~V14;
When POL=0: Even outputs range from V8~V14, and Odd outputs range from V1~V7.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com