Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PD035VX2 Datasheet(PDF) 8 Page - AZ Displays

Part # PD035VX2
Description  TFT-LCD Module
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AZDISPLAYS [AZ Displays]
Direct Link  http://www.azdisplays.com
Logo AZDISPLAYS - AZ Displays

PD035VX2 Datasheet(HTML) 8 Page - AZ Displays

Back Button PD035VX2 Datasheet HTML 4Page - AZ Displays PD035VX2 Datasheet HTML 5Page - AZ Displays PD035VX2 Datasheet HTML 6Page - AZ Displays PD035VX2 Datasheet HTML 7Page - AZ Displays PD035VX2 Datasheet HTML 8Page - AZ Displays PD035VX2 Datasheet HTML 9Page - AZ Displays PD035VX2 Datasheet HTML 10Page - AZ Displays PD035VX2 Datasheet HTML 11Page - AZ Displays PD035VX2 Datasheet HTML 12Page - AZ Displays Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 26 page
background image
PD035VX2
The information contained herein is the exclusive property of Prime View International Co., Ltd. and shall not be
distributed, reproduced, or disclosed in whole or in part without prior written permission of Prime View International Co.,
Ltd.
Page:8
Note 5-10
Typical Application Circuit
V8
V5
OPEN
V12
R2
1
2
1
2
1
2
1
2
1
2
V3
OPEN
1K OHM
OPEN
OPEN
VDD2
1
2
R1
.
C2
0. 1 uF
C1
0. 1 uF
C3
C5
C7
0. 1 uF
C6
0. 1 uF
C4
0. 1 uF
V10
1
2
R7
1.2K
R3
R4
R5
R6
1.2K OHM
V7
0.1uF
0.1uF
Note 5-11: ILED TYP.=20mA.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com