Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PD035VX2 Datasheet(PDF) 9 Page - AZ Displays

Part # PD035VX2
Description  TFT-LCD Module
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AZDISPLAYS [AZ Displays]
Direct Link  http://www.azdisplays.com
Logo AZDISPLAYS - AZ Displays

PD035VX2 Datasheet(HTML) 9 Page - AZ Displays

Back Button PD035VX2 Datasheet HTML 5Page - AZ Displays PD035VX2 Datasheet HTML 6Page - AZ Displays PD035VX2 Datasheet HTML 7Page - AZ Displays PD035VX2 Datasheet HTML 8Page - AZ Displays PD035VX2 Datasheet HTML 9Page - AZ Displays PD035VX2 Datasheet HTML 10Page - AZ Displays PD035VX2 Datasheet HTML 11Page - AZ Displays PD035VX2 Datasheet HTML 12Page - AZ Displays PD035VX2 Datasheet HTML 13Page - AZ Displays Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 26 page
background image
PD035VX2
The information contained herein is the exclusive property of Prime View International Co., Ltd. and shall not be
distributed, reproduced, or disclosed in whole or in part without prior written permission of Prime View International Co.,
Ltd.
Page:9
6.Absolute Maximum Ratings:
Vss1=Vss2=GND=0V, Ta=25℃
Parameters
Symbol
MIN.
MAX.
Unit
Remark
VDD1
-0.5
5.0
V
VCC
-0.3
5.0
V
VDD2
-0.5
12.0
V
VGG
-0.3
40.0
V
VGG-VEE
-
40.0
V
Supply Voltage
VEE
-20
0.3
V
7.Electrical Characteristics
7-1) Recommended Operating Conditions:
Vss1=Vss2=GND = 0V,Ta = 25℃
Item
Symbol
Min.
Typ.
Max.
Unit
Remark
VDD1
3.0
3.3
3.6
V
Supply Voltage for Source Driver
VDD2
9.5
10
10.5
V
VGG
-
17
-
V
VEE
-
-10
-
V
Supply Voltage for Gate Driver
VCC
3.0
3.3
3.6
V
Supply Voltage for Vcom
Vcom
-
2.7
-
V
VIH
0.8VDD1
-
VDD1
V
Digital Input Voltage
VIL
0
-
0.2VDD1
V
7-2) Recommended driving condition for LED backlight
GND = 0 V, Ta = 25℃
Parameter
Symbol
Min
TYP
MAX
Unit
Remark
Supply voltage of LED backlight
VLED
9
9.6
11.4
V
IL = 20 mA
ILED1
Supply current of LED backlight
ILED2
-
20
-
mA
Note 7-1
Backlight Power Consumption
PLED
360
384
456
mW
Note 7-2
Note 7-1 : LED B/L applied information , please refer to the appendix at the end .
Note 7-2 : PLED = VLED * ILED1 + VLED * ILED2 .
V LED
V LED
G LED1
G LED2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com