Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSL0701UT Datasheet(PDF) 3 Page - Rohm

Part # CSL0701UT
Description  Compact and lower height LEDs
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

CSL0701UT Datasheet(HTML) 3 Page - Rohm

  CSL0701UT Datasheet HTML 1Page - Rohm CSL0701UT Datasheet HTML 2Page - Rohm CSL0701UT Datasheet HTML 3Page - Rohm CSL0701UT Datasheet HTML 4Page - Rohm CSL0701UT Datasheet HTML 5Page - Rohm CSL0701UT Datasheet HTML 6Page - Rohm CSL0701UT Datasheet HTML 7Page - Rohm CSL0701UT Datasheet HTML 8Page - Rohm CSL0701UT Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
    
[Data Sheet]
■Viewing Angle
Reference
[CSL0701x series]
SCANNING ANGLE (deg)
RELATIVE INTENSITY (%)
10°
10°
20°
20°
40°
50°
70°
80°
40°
50°
70°
80°
0
50
100
50
100
0°
30°
60°
90°
30°
60°
90°
X’ - Y’
X - Y
Scanning Direction
CSL0701UT
CSL0701DT
________________________________________________________
www.rohm.com
©2016 ROHM Co., Ltd. All rights reserved
3/8
2017.7 - Rev.005



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com