Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSL0701UT Datasheet(PDF) 1 Page - Rohm

Part # CSL0701UT
Description  Compact and lower height LEDs
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

CSL0701UT Datasheet(HTML) 1 Page - Rohm

  CSL0701UT Datasheet HTML 1Page - Rohm CSL0701UT Datasheet HTML 2Page - Rohm CSL0701UT Datasheet HTML 3Page - Rohm CSL0701UT Datasheet HTML 4Page - Rohm CSL0701UT Datasheet HTML 5Page - Rohm CSL0701UT Datasheet HTML 6Page - Rohm CSL0701UT Datasheet HTML 7Page - Rohm CSL0701UT Datasheet HTML 8Page - Rohm CSL0701UT Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
CSL0701x Series
Data Sheet
■Features
■Outline
• Compact and lower height LEDs with lens.
• Available for both top-view and side view usages.
■Size
■Dimensions
■Recommended Solder Pattern
■Specifications
Typ.
IF
Max.
VR
Min.*
2
Typ. Max.*
2
IF
Min.
Typ.
IF
(V)
(mA)
(µA)
(V)
(nm)
(nm)
(nm)
(mA)
(cd)
(cd)
(mA)
618
624
630
9
18
599
605
611
20
35
2.1
Reverse
Operating Temp.
Storage Temp.
AlGaInP
Red
Orange
50
150*
1
5
-40
~
+85
-40
~
+100
20
CSL0701UT
CSL0701DT
Peak Forward
IFP(mA) VR(V)
Current Current Voltage
PD(mW) IF(mA)
Part No.
Chip Structure
Absolute Maximum Ratings (Ta=25ºC)
Electrical and Optical Characteristics (Ta=25ºC)
Power
*1 : Duty 1/10, 1kHz *2 : Measurement tolerance ±1nm
Forward
Luminous Intensity IV
Dissipation
Topr(ºC)
Tstg(ºC)
120
10
5
20
20
Emitting
Color
Forward Voltage VF Reverse Current IR
Dominant Wavelength
λ
D
Tolerance : ±0.2
(unit : mm)
(unit : mm)
2924 (1110)
2.9
×
2.4mm (t=3.1mm)
Color
Type
U
D
2 . 5
( 2 . 1 )
R 1 . 1
R 1 . 2 5
2 . 3
2 . 9
P o l a r
M a r k
1 . 9
________________________________________________________
www.rohm.com
©2016 ROHM Co., Ltd. All rights reserved
1/8
2017.7 - Rev.005


Similar Part No. - CSL0701UT

ManufacturerPart #DatasheetDescription
logo
Rohm
CSL0701X ROHM-CSL0701X Datasheet
331Kb / 9P
Compact and lower height LEDs with lens
More results

Similar Description - CSL0701UT

ManufacturerPart #DatasheetDescription
logo
Rohm
SMLA12BC7TT86 ROHM-SMLA12BC7TT86 Datasheet
1Mb / 4P
Compact size side-view LEDs
SML-A12V8TT86 ROHM-SML-A12V8TT86 Datasheet
1Mb / 4P
Compact size side-view LEDs
SML-A12U8TT86 ROHM-SML-A12U8TT86 Datasheet
1Mb / 4P
Compact size side-view LEDs
SML-A12P8TT86 ROHM-SML-A12P8TT86 Datasheet
1Mb / 4P
Compact size side-view LEDs
CSL07 ROHM-CSL07 Datasheet
1Mb / 8P
Compact and lower height LEDs with lens
logo
Abracon Corporation
ASE3SERIES ABRACON-ASE3SERIES Datasheet
2Mb / 3P
Compact and low in height
03.05.14
ASTX-H11 ABRACON-ASTX-H11 Datasheet
1Mb / 3P
Compact and low in height
05.13.15
ASTX-H12 ABRACON-ASTX-H12 Datasheet
1Mb / 3P
Compact and low in height
05.13.15
logo
Rohm
SML-A12V8T ROHM-SML-A12V8T Datasheet
325Kb / 13P
Compact size side-view LEDs
CSL0701X ROHM-CSL0701X Datasheet
331Kb / 9P
Compact and lower height LEDs with lens
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com