Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSL0701UT Datasheet(PDF) 5 Page - Rohm

Part # CSL0701UT
Description  Compact and lower height LEDs
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

CSL0701UT Datasheet(HTML) 5 Page - Rohm

  CSL0701UT Datasheet HTML 1Page - Rohm CSL0701UT Datasheet HTML 2Page - Rohm CSL0701UT Datasheet HTML 3Page - Rohm CSL0701UT Datasheet HTML 4Page - Rohm CSL0701UT Datasheet HTML 5Page - Rohm CSL0701UT Datasheet HTML 6Page - Rohm CSL0701UT Datasheet HTML 7Page - Rohm CSL0701UT Datasheet HTML 8Page - Rohm CSL0701UT Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
    
[Data Sheet]
1.Storage
If the product is heated during the reflow under the condition of hygroscopic state,
it may vaporize and expand which will influence the performance of the product.
Therefore, the package is waterproof. Please use the product following the conditions:
・Using Conditions
・Baking
Bake the product in case of below:
①The expiration date is passed.
②The color of indicator (silica gel) turned from blue to colorless or from green to pink.
・Baking Conditions
2.Application Methods
2-1.Precaution for Drive System and Off Mode
Design the circuit without the electric load exceeding the ABSOLUTE MAXIMUM RATING that
please do not apply voltage neither forward nor reverse. Especially, for the products with the
Ag-paste used in the die bonding, there’s high possibility to cause electro migration and result
2-2.Derating
 The Derating Characteristics are based on the lifetime of luminous intensity and assumption
of degradation & color change of sealing resin or reflector. About its reliability,
2-3.Operation Life Span
There’s possibility for intensity of light drop according to working conditions and environments
(applied current, surrounding temperature and humidity, corrosive gases), please call our Sales
①Longtime intensity of light life
②On mode all the time
2-4.Applied Stress on Product
No resin hardening agent such as filler is used in the sealing resin of the product.
Therefore, please pay attention to the overstress on it which may influence its reliability.
2-5.Usage
The Product is LED. We are not responsible for the usage as the diode such as Protection Chip,
Please storing in the airtight container
Temperature
Time
Humidity
・Bake products in reel.
・Reel and embossed tape are easy to be deformed when baking,
②After opening
package
5〜30℃ Below 70%RH
Within 72h
with our desiccant (silica gel)
(Even if the product is within the expiration date.)
60±3℃
40〜48h
Below 20%RH
Remark
so please try not to apply stress on it.
・Recommend bake once.
applies on the products. If drive by constant voltage, it may cause current deviation of the LED and
result in deviation of luminous intensity, so we recommend to drive by constant current.
(Deviation of VF Value will cause deviation of current in LED.) Furthermore, for off mode,
in function failure.
please evaluate its using conditions and environment and use it after confirmed there is no problem.
staffs for inquiries about the concerned application below.
Classification Temperature
Humidity
Expiration Date
Remark
①Before using 5〜30℃
30〜70%RH
Within 1 year
from Receiving
Storage with waterproof package
[CSL0701x series]
■Precaution (Surface Mount Device)
Rectifier, Switching and so on.
________________________________________________________
www.rohm.com
©2016 ROHM Co., Ltd. All rights reserved
5/8
2017.7 - Rev.005



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com