Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSL0701UT Datasheet(PDF) 7 Page - Rohm

Part # CSL0701UT
Description  Compact and lower height LEDs
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

CSL0701UT Datasheet(HTML) 7 Page - Rohm

Back Button CSL0701UT Datasheet HTML 2Page - Rohm CSL0701UT Datasheet HTML 3Page - Rohm CSL0701UT Datasheet HTML 4Page - Rohm CSL0701UT Datasheet HTML 5Page - Rohm CSL0701UT Datasheet HTML 6Page - Rohm CSL0701UT Datasheet HTML 7Page - Rohm CSL0701UT Datasheet HTML 8Page - Rohm CSL0701UT Datasheet HTML 9Page - Rohm CSL0701UT Datasheet HTML 10Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
    
[Data Sheet]
Stress strength according to
he mounting position:
A>B>C>D
so please pay attention to the touch on product.
We recommend the soldering pattern that shows on the right.
It will be different according to mounting situation of circuit board,
therefore, please concern before designing.
4-2-2. Mini Package (Smaller than 1608 size)
・Vibration may result in low mounting rate since it will cause the static electricity of product and
adhere to top cover tape. Therefore, the magnet should be set on parts feeder cassette of
・The max for reflowing is 2 times, please finish the second reflow soldering and flow soldering
with other parts within the usage limitation after open the moistureproof package.
・Compare with N2 reflow, during air reflow, because of the heat and surrounding conditions,
it may cause the discoloration of the resin.
 one of its specific characteristics is that solder will penetrate into LED. Thus, there's high possibility
・The product is not guaranteed for flow soldering.
In case of carrying out flow soldering of surrounding parts without recommended conditions, please
contact us for inquiries.
・Please set appropriate reflow temperature based on our product usage conditions and specification.
[CSL0701x series]
4.Mounting
4-1. Soldering
expansion and moisture absorption at humidity will cause heat stress during soldering process and
the mounter to control the product stabilization. In addition, it is recommended to set ionizer
・For our product that has no solder resist, because of its solder amount and soldering conditions,
that will influence its reliability.Therefore, please be informed, concerning it before using it.
to avoid bending or screwing with great stress of the circuit board.
4―4. Mechanical Stress after Mounting
The mechanical stress may damage the LED after Circuit Mounting,
4-5.Soldering Pattern for Recommendation
finally has bad influence on the product’s reliability.
4-2. Automatic Mounting
4-2-1. Silicon Resin Sealing Product
The stress like bending stress of circuit board dividing after mounting, may cause LED package crack
or damage of LED internal junction, therefore, please concern the mounting direction and position
directly on the sealing section.
to prevent electrostatic charge.
4-3. Mounting Location
・No resin hardening agent such as filler is used in the sealing resin of the product. Therefore, resin
The sealing resin of LED is very soft, so please select adsorption nozzle that would not apply stress
・Do not expose the product in the environment of high temperature (over 100℃) or rapid temperature
shift (within 3℃/sec. of temperature gradient) during the flow soldering of surrounding parts.
2 . 5
________________________________________________________
www.rohm.com
©2016 ROHM Co., Ltd. All rights reserved
7/8
2017.7 - Rev.005



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com