Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSL0701UT Datasheet(PDF) 8 Page - Rohm

Part # CSL0701UT
Description  Compact and lower height LEDs
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

CSL0701UT Datasheet(HTML) 8 Page - Rohm

Back Button CSL0701UT Datasheet HTML 2Page - Rohm CSL0701UT Datasheet HTML 3Page - Rohm CSL0701UT Datasheet HTML 4Page - Rohm CSL0701UT Datasheet HTML 5Page - Rohm CSL0701UT Datasheet HTML 6Page - Rohm CSL0701UT Datasheet HTML 7Page - Rohm CSL0701UT Datasheet HTML 8Page - Rohm CSL0701UT Datasheet HTML 9Page - Rohm CSL0701UT Datasheet HTML 10Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
    
[Data Sheet]
Condition ) Temp. of iron top less than
350℃ within 3 sec.
※Above conditions are for reference. Therefore, evaluate by customer’s own circuit boards and
reflow furnaces before using, because stress from circuit boards and temperature variations of reflow
Reference temperature
Tsmax
Tsmin
180℃
please take care of following points.
①SOLDER USED
RECOMMENDED CONDITION
tP
ΔTR/Δt
[CSL0701x series]
4-6.Reflow Profile
For reflow profile, please refer to the conditions below:(※)
■Meaning of marks, Conditions
Mark
Conditions
ts
TL
Meanings
Maximum of pre-heating temperature
Temperature
Under 30℃ within 3 minutes
Solvent
We recommend to use alcohols solvent such as, isopropyl alcohols
4-8.Cleaning after Soldering
Please follow the conditions below if the cleaning is necessary after soldering.
140℃
Over 60sec.
230〜250℃
Minimum of pre-heating temperature
ΔTD/Δt
Temperature decreasing rate
Retention time for TL
Over -3℃/sec.
tL
TP
Peak temperature
Time for peak temperature
Temperature rising rate
Within 40sec.
250℃(Max)
Within 10sec.
Under 3℃/sec.
Time from Tsmin to Tsmax
Ultrasonic Cleaning
15W/Below 1 liter (capacity of tank)
Drying
Under 100℃ within 3 minutes
furnaces vary by customer’s own conditions.
So thermal stress by soldering greatly influence its reliability.
Please keep following points for manual soldering.
ITEM
a) Heating method
b)
Handling after
soldering
Please handle after the part temp.
goes down to room temp.
Heating on PCB pattern, not direct to the
LED. (Fig-1)
Sn-Cu,Sn-Ag-Cu,Sn-Ag-Bi-Cu
②HAND SOLDERING CONDITION
LED products do not contain reinforcement material such as a glass fillers.
4-7.Attention Points in Soldering Operation
This product was developed as a surface mount LED especially suitable for reflow soldering.
So reflow soldering is recommended. In case of implementing manual soldering,
SOLDERING
LAND
SOLDERING
IRON
Fig-1
________________________________________________________
www.rohm.com
©2016 ROHM Co., Ltd. All rights reserved
8/8
2017.7 - Rev.005



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com