Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSL0701UT Datasheet(PDF) 4 Page - Rohm

Part # CSL0701UT
Description  Compact and lower height LEDs
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

CSL0701UT Datasheet(HTML) 4 Page - Rohm

  CSL0701UT Datasheet HTML 1Page - Rohm CSL0701UT Datasheet HTML 2Page - Rohm CSL0701UT Datasheet HTML 3Page - Rohm CSL0701UT Datasheet HTML 4Page - Rohm CSL0701UT Datasheet HTML 5Page - Rohm CSL0701UT Datasheet HTML 6Page - Rohm CSL0701UT Datasheet HTML 7Page - Rohm CSL0701UT Datasheet HTML 8Page - Rohm CSL0701UT Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
    
[Data Sheet]
■Taping(T86)
Unit:
mm
Note)Tolerance is within ±0.2mm unless
otherwise specified.
■Part No. Construction
■Packing Specification
ROHM LED products are being shipped with desiccant (silica gel) included in moisture-proof bags.
or enclosing the humidity indication card inside the bag is available upon request.
Please contact the nearest sales office or distributer if necessary.
[SCM-0701x series]
Pasting the moisture sensitive label on the outer surface of the moisture-proof bags
(Feeding
holes)
A-A'
cross
sectional
view
B-B'
cross
sectional
view
Packing
quantity
2,000pcs/reel
Pull
direction
φ 1 . 5
+ 0 . 1
0
4
± 0 . 1
0 . 4
± 0 . 0 5
8
± 0 . 1
2
± 0 . 0 5
3 . 2
± 0 . 1
←
B
←
B'
↑
A
↑
A'
17.4
±1
2 . 8 5
± 0 . 1
Chromaticity rank
Rank sign
(for white LED)
(Brightness Rank)*
Series name
Package Type
Chip type
Emitting Color
Resin ColorTaping Specification
CSL
04
V
T
07
U
W
09
D
U
Y
W
MSL
01
M
02
WB
*Concerning the Brightness rank.
04
RGB
*Please refer to the rank chart above for
luminous intensity classification.
*Part name is individual for each rank.
*When shipped as sample,the part name will
be a representative part name.
General products are free of ranks.
Please contact sales if rank appointment
is needed.
Multi color series
0
C
S
L
0
7
Red
Transparent Colorless
1
D
T
5
Orange
Yellow
Milkey White
Yellow
Chip LED
2.8x1.2 t=0.8mm
2.9x2.5 t=3.1mm
1.6x0.8 t=1.24mm
Red
6.9x2.2 t=2.15mm
Yellowish green
3.05x1.3 t=0.43mm
White
1.8x1.6 t=0.5mm
RGB
________________________________________________________
www.rohm.com
©2016 ROHM Co., Ltd. All rights reserved
4/8
2017.7 - Rev.005



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com