Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IC-LFS Datasheet(PDF) 5 Page - IC-Haus GmbH

Part # IC-LFS
Description  32x1 LINEAR IMAGE SENSOR
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICHAUS [IC-Haus GmbH]
Direct Link  http://www.ichaus.biz
Logo ICHAUS - IC-Haus GmbH

IC-LFS Datasheet(HTML) 5 Page - IC-Haus GmbH

  IC-LFS Datasheet HTML 1Page - IC-Haus GmbH IC-LFS Datasheet HTML 2Page - IC-Haus GmbH IC-LFS Datasheet HTML 3Page - IC-Haus GmbH IC-LFS Datasheet HTML 4Page - IC-Haus GmbH IC-LFS Datasheet HTML 5Page - IC-Haus GmbH IC-LFS Datasheet HTML 6Page - IC-Haus GmbH IC-LFS Datasheet HTML 7Page - IC-Haus GmbH IC-LFS Datasheet HTML 8Page - IC-Haus GmbH IC-LFS Datasheet HTML 9Page - IC-Haus GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
iC-LFS
32x1 LINEAR IMAGE SENSOR
Rev A2, Page 5/10
ELECTRICAL CHARACTERISTICS
Operating Conditions: VCC = VDD = 5 V ±10%, RSET = GND, Tj = -25...85 °C unless otherwise noted
Item
Symbol
Parameter
Conditions
Unit
No.
Min.
Typ.
Max.
Total Device
001 VDD
Digital Supply Voltage Range
4.5
5.5
V
002 VCC
Analogue Supply Voltage Range
4.5
5.5
V
003 I(VDD)
Supply Current in VDD
f(CLK) = 1 MHz
70
µA
f(CLK) = 5 MHz
004 I(VCC)
Supply Current in VCC
4.5
7
mA
005 Vc()hi
Clamp Voltage hi at SI, CLK, DIS,
RSET
Vc()hi = V() − VCC; I() = 1 mA
0.3
1.8
V
006 Vc()lo
Clamp Voltage lo at SI, CLK, DIS,
RSET
Vc()hi = V() − V(AGND); I() = -1 mA
-1.5
-0.3
V
007 Vc()hi
Clamp Voltage hi at AO
Vc()hi = V(AO) − VCC; I(AO) = 1 mA
0.3
1.5
V
008 Vc()lo
Clamp Voltage lo at AO, VCC,
VDD, GND
Vc()lo = V() − V(AGND); I() = -1 mA
-1.5
-0.3
V
Photodiode Array
201 A()
Radiant Sensitive Area
200 µm x 56.40 µm per Pixel
0.01128
mm2
202 S(λ)max
Spectral Sensitivity
λ
= 680 nm (see Fig. 1)
0.5
A/W
203 λar
Spectral Application Range
S(λar ) = 0.25 x S(λ)max (see Fig. 1)
400
980
nm
Analogue Output AO
301 Vs()lo
Saturation Voltage lo
I() = 1 mA
0.5
V
302 Vs()hi
Saturation Voltage hi
Vs()hi = VCC − V(), I() = -1 mA
1
V
303 K
Sensitivity
λ
= 680 nm
2.88
V/pWs
304 V0()
Offset Voltage
integration time 1 ms, no illumination
400
800
mV
305 ∆V0()
Offset Voltage Deviation during
integration mode
∆
V0() = V(AO)t1 − V(AO)t2,
∆
t = t2 − t1 = 1 ms
-250
50
mV
306 ∆V()
Signal Deviation during hold
mode
∆
V0() = V(AO)t1 − V(AO)t2,
∆
t = t2 − t1 = 1 ms
-150
150
mV
307 tp(CLK-AO) Settling Time
Cl(AO) = 10 pF,
CLK lo → hi until V(AO) = 0.98 x V(VCC)
200
ns
Power-On-Reset
801 VCCon
Power-On Release by VCC
4.4
V
802 VCCoff
Power-Down Reset by VCC
1
V
803 VCChys
Hysteresis
VCChys = VCCon − VCCoff
0.4
1
2
V
Bias Current Adjust RSET
901 Ibias()
Permissible External Bias Cur-
rent
20
100
µA
902 Vref
Reference Voltage
I(RSET) = Ibias
2.5
3
3.5
V
Input Interface SI, CLK, DIS
B01 Vt()hi
Threshold Voltage hi
1.4
1.8
V
B02 Vt()lo
Threshold Voltage lo
0.9
1.2
V
B03 Vt()hys
Hysteresis
Vt()hys = Vt()hi − Vt()lo
300
800
mV
B04 I()
Pull-Down Current
10
30
50
µA
B05 fclk
Permissible Clock Frequency
5
MHz



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com