Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IC-LFS Datasheet(PDF) 2 Page - IC-Haus GmbH

Part # IC-LFS
Description  32x1 LINEAR IMAGE SENSOR
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICHAUS [IC-Haus GmbH]
Direct Link  http://www.ichaus.biz
Logo ICHAUS - IC-Haus GmbH

IC-LFS Datasheet(HTML) 2 Page - IC-Haus GmbH

  IC-LFS Datasheet HTML 1Page - IC-Haus GmbH IC-LFS Datasheet HTML 2Page - IC-Haus GmbH IC-LFS Datasheet HTML 3Page - IC-Haus GmbH IC-LFS Datasheet HTML 4Page - IC-Haus GmbH IC-LFS Datasheet HTML 5Page - IC-Haus GmbH IC-LFS Datasheet HTML 6Page - IC-Haus GmbH IC-LFS Datasheet HTML 7Page - IC-Haus GmbH IC-LFS Datasheet HTML 8Page - IC-Haus GmbH IC-LFS Datasheet HTML 9Page - IC-Haus GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
iC-LFS
32x1 LINEAR IMAGE SENSOR
Rev A2, Page 2/10
DESCRIPTION
iC-LFS is an integrating light-to-voltage converter with
a single line of 32 pixels pitched at 63.5 µm (center-
to-center distance). Each pixel consists of a 56.4 µm
x 200 µm photodiode, an integration capacitor and a
sample and hold circuit.
The integrated control logic makes operation very sim-
ple, with only a start and clock signal necessary. A
third control input enables the integration period to be
paused at any time (electronic shutter).
With the start signal the hold mode is activated for all
pixels simultaneously with the next rising clock edge;
starting with pixel 1 the hold voltages are switched in
sequence to the push-pull output amplifier. The sec-
ond clock pulse deletes all integration capacitors and
the integration period starts again in the background
during the output phase. A run is complete after 32
clock pulses.
iC-LFS is suitable for high clock rates of up to 5 MHz.
If this is not required the supply current can be re-
duced via the external bias setting.
PACKAGING INFORMATION cDFN10 4 mm x 4 mm
PIN CONFIGURATION cDFN10 4 mm x 4 mm
1 2 3 4 5
6
7
8
9
10
dra_cdfn10-4x4-2_lfs_0_pack_3a, 7:1
<P-CODE>
<A-CODE>
<D-CODE>
PIN FUNCTIONS
No. Name Function
1 SI
Start Integration Input
2 CLK
Clock Input
3 AO
Analogue Output
4 VDD
+5 V Digital Supply Voltage
5 VCC
+5 V Analogue Supply Voltage
6 RSET Bias Current (resistor from VCC to
RSET; when connected to GND the in-
ternal bias setting is activated)
7 n.c.
8 AGND Analogue Ground
9 GND
Digital Ground
10 DIS
Shutter control
The E-Pad is to be connected to a Ground Plane (AGND) on the PCB.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com