Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IC-LFS Datasheet(PDF) 8 Page - IC-Haus GmbH

Part # IC-LFS
Description  32x1 LINEAR IMAGE SENSOR
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICHAUS [IC-Haus GmbH]
Direct Link  http://www.ichaus.biz
Logo ICHAUS - IC-Haus GmbH

IC-LFS Datasheet(HTML) 8 Page - IC-Haus GmbH

Back Button IC-LFS Datasheet HTML 2Page - IC-Haus GmbH IC-LFS Datasheet HTML 3Page - IC-Haus GmbH IC-LFS Datasheet HTML 4Page - IC-Haus GmbH IC-LFS Datasheet HTML 5Page - IC-Haus GmbH IC-LFS Datasheet HTML 6Page - IC-Haus GmbH IC-LFS Datasheet HTML 7Page - IC-Haus GmbH IC-LFS Datasheet HTML 8Page - IC-Haus GmbH IC-LFS Datasheet HTML 9Page - IC-Haus GmbH IC-LFS Datasheet HTML 10Page - IC-Haus GmbH  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
iC-LFS
32x1 LINEAR IMAGE SENSOR
Rev A2, Page 8/10
SNH
SNH32
NRCI
Integration Time
35
Pix32
Pix31
...
Pix31
Pix32
Pix30
31
Pix1
1
32
3
V(AO)
CLK
SI
Pix2
Pix3
30
33
34
31
32
2
4
...
Pix1
Figure 6: Clock pulse continued without giving a new integration start signal
Operation with the shutter function
Integration can be halted at any time via pin DIS, i.e. the
photodiodes are disconnected from their corresponding
integration capacitor when DIS is high and the current
integration capacitor voltages are maintained. If this pin
is open or switched to GND the pixel photocurrents are
summed up by the integration capacitors until the next
successive SI signal follows.
PIX SAMPLE−C
5
6
DIS
Integration
Integration
Disabled
Disabled
Integration
Enabled
SNH
1
NRCI
2
...
1
4
SI
CLK
3
32
31
Figure 7: Defining the integration time via shutter input DIS
External bias current setting
In order to reduce the power consumption of the device
an external reference current can be supplied to pin
RSET which reduces the maximum readout frequency,
however. To this end a resistor must be connected
from VCC to RSET. If this pin is not used, it should be
connected to GND.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com