Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IC-LFS Datasheet(PDF) 7 Page - IC-Haus GmbH

Part # IC-LFS
Description  32x1 LINEAR IMAGE SENSOR
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICHAUS [IC-Haus GmbH]
Direct Link  http://www.ichaus.biz
Logo ICHAUS - IC-Haus GmbH

IC-LFS Datasheet(HTML) 7 Page - IC-Haus GmbH

Back Button IC-LFS Datasheet HTML 2Page - IC-Haus GmbH IC-LFS Datasheet HTML 3Page - IC-Haus GmbH IC-LFS Datasheet HTML 4Page - IC-Haus GmbH IC-LFS Datasheet HTML 5Page - IC-Haus GmbH IC-LFS Datasheet HTML 6Page - IC-Haus GmbH IC-LFS Datasheet HTML 7Page - IC-Haus GmbH IC-LFS Datasheet HTML 8Page - IC-Haus GmbH IC-LFS Datasheet HTML 9Page - IC-Haus GmbH IC-LFS Datasheet HTML 10Page - IC-Haus GmbH  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
iC-LFS
32x1 LINEAR IMAGE SENSOR
Rev A2, Page 7/10
DESCRIPTION OF FUNCTIONS
Normal operation
Following an internal power-on reset the integration
and hold capacitors are discharged and the sample
and hold circuit is set to sample mode. A high signal
at SI and a rising edge at CLK triggers a readout cycle
and with it a new integration cycle.
In this process the hold capacitors of pixels 1 to 31
are switched to hold mode immediately (SNH = 1), with
pixel 32 (SNH32 = 1) following suit one clock pulse later.
This special procedure allows all pixels to be read out
with just 32 clock pulses. The integration capacitors are
discharged by a one clock long reset signal (NRCI = 0)
which occurs between the 2nd and 3rd falling edge of
the readout clock pulse (cf. Figure 4). After the 31 pix-
els have been read out these are again set to sample
mode (SNH = 0), likewise for pixel 32 one clock pulse
later (SNH32 = 0).
SNH
SNH32
NRCI
Integration Time Pixel 1−31
Integration Time Pixel 32
Pix32
Pix31
...
Pix31
Pix32
Pix30
31
Pix1
1
32
3
V(AO)
CLK
SI
Pix2
Pix3
30
1
2
31
32
2
4
...
Pix1
Figure 4: Readout cycle and integration sequence
If prior to the 32th clock pulse a high signal occurs
at SI the present readout is halted and immediately
reinitiated with pixel 1. In this instance the hold ca-
pacitors retain their old value i.e. hold mode prevails
(SNH/SNH32 = 0).
Pix2
Pix3
30
1
32
5
1
Pix4
Pix5
2
3
Pix2
4
Pix32
2
Pix1
...
...
SNH
SNH32
NRCI
2
4
Pix4
Pix3
31
Pix31
Pix32
Pix30
Pix1
Pix1
1
32
3
V(AO)
CLK
SI
Figure 5: Restarting a readout cycle
With more than 32 clock pulses until the next SI signal,
pixel 1 is output without entering hold mode; the out-
put voltage tracks the voltage of the pixel 1 integration
capacitor.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com