Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IC-LFS Datasheet(PDF) 1 Page - IC-Haus GmbH

Part # IC-LFS
Description  32x1 LINEAR IMAGE SENSOR
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICHAUS [IC-Haus GmbH]
Direct Link  http://www.ichaus.biz
Logo ICHAUS - IC-Haus GmbH

IC-LFS Datasheet(HTML) 1 Page - IC-Haus GmbH

  IC-LFS Datasheet HTML 1Page - IC-Haus GmbH IC-LFS Datasheet HTML 2Page - IC-Haus GmbH IC-LFS Datasheet HTML 3Page - IC-Haus GmbH IC-LFS Datasheet HTML 4Page - IC-Haus GmbH IC-LFS Datasheet HTML 5Page - IC-Haus GmbH IC-LFS Datasheet HTML 6Page - IC-Haus GmbH IC-LFS Datasheet HTML 7Page - IC-Haus GmbH IC-LFS Datasheet HTML 8Page - IC-Haus GmbH IC-LFS Datasheet HTML 9Page - IC-Haus GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
iC-LFS
32x1 LINEAR IMAGE SENSOR
Rev A2, Page 1/10
FEATURES
•
32 active photo pixels of 56 µm at a pitch of 63.5 µm (400 DPI)
•
Integrating L-V conversion followed by a sample & hold circuit
•
High sensitivity and uniformity over wavelength
•
High clock rates of up to 5 MHz
•
Only 32 clocks required for readout
•
Shutter function enables flexible integration times
•
Glitch-free analogue output
•
Push-pull output amplifier
•
5 V single supply operation
APPLICATIONS
•
Optical line sensors
•
CCD substitute
PACKAGES
cDFN10 4 mm x 4 mm
BLOCK DIAGRAM
DIS
Q
D
C
Bit 3
Q
NR
D
NQ
NR
Q
C
VHE
ONE
NQ
NS
NQ
Control
Bit 1
C
MULTIPLEXER
CONTROL AND SHIFT REGISTER
D
PIXEL
PIXOI
Pixel 1
NRCI
SNH32
Bit 31
RPIX(1:32)
SNH
ACTIVE PIXELS
OUTPUT
C
Sample and Hold
NQ
D
Bit 2
Q
NS
Q
BIAS
Pixel 2
NR
AMPLIFIER
Pixel 32
Bit 32
NQ
D
PIXEI
REF
C
VHO
AGND
AO
CLK
GND
RSET
SI
VCC
VDD
iC−LFS
Copyright © 2008, 2015 iC-Haus
http://www.ichaus.com


Similar Part No. - IC-LFS

ManufacturerPart #DatasheetDescription
logo
IC-Haus GmbH
IC-LFS ICHAUS-IC-LFS Datasheet
186Kb / 9P
32x1 LINEAR IMAGE SENSOR
More results

Similar Description - IC-LFS

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TCD1205D TOSHIBA-TCD1205D Datasheet
484Kb / 14P
CCD LINEAR IMAGE SENSOR
TCD1304AP TOSHIBA-TCD1304AP Datasheet
511Kb / 14P
CCD LINEAR IMAGE SENSOR
TCD1500C TOSHIBA-TCD1500C Datasheet
469Kb / 13P
CCD LINEAR IMAGE SENSOR
TCD1703C TOSHIBA-TCD1703C Datasheet
423Kb / 11P
CCD LINEAR IMAGE SENSOR
TCD1705D TOSHIBA-TCD1705D Datasheet
405Kb / 11P
CCD LINEAR IMAGE SENSOR
TCD2300C TOSHIBA-TCD2300C Datasheet
558Kb / 14P
CCD LINEAR IMAGE SENSOR
TCD2503C TOSHIBA-TCD2503C Datasheet
466Kb / 12P
CCD LINEAR IMAGE SENSOR
TCD2701C TOSHIBA-TCD2701C Datasheet
495Kb / 13P
CCD LINEAR IMAGE SENSOR
logo
Hamamatsu Corporation
G9203-256D HAMAMATSU-G9203-256D Datasheet
95Kb / 5P
InGaAs linear image sensor
logo
IC-Haus GmbH
IC-LFS ICHAUS-IC-LFS Datasheet
186Kb / 9P
32x1 LINEAR IMAGE SENSOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com