Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IC-LFS Datasheet(PDF) 10 Page - IC-Haus GmbH

Part # IC-LFS
Description  32x1 LINEAR IMAGE SENSOR
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICHAUS [IC-Haus GmbH]
Direct Link  http://www.ichaus.biz
Logo ICHAUS - IC-Haus GmbH

IC-LFS Datasheet(HTML) 10 Page - IC-Haus GmbH

Back Button IC-LFS Datasheet HTML 2Page - IC-Haus GmbH IC-LFS Datasheet HTML 3Page - IC-Haus GmbH IC-LFS Datasheet HTML 4Page - IC-Haus GmbH IC-LFS Datasheet HTML 5Page - IC-Haus GmbH IC-LFS Datasheet HTML 6Page - IC-Haus GmbH IC-LFS Datasheet HTML 7Page - IC-Haus GmbH IC-LFS Datasheet HTML 8Page - IC-Haus GmbH IC-LFS Datasheet HTML 9Page - IC-Haus GmbH IC-LFS Datasheet HTML 10Page - IC-Haus GmbH  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
iC-LFS
32x1 LINEAR IMAGE SENSOR
Rev A2, Page 10/10
ORDERING INFORMATION
Type
Package
Order Designation
iC-LFS
clearDFN10 4 mm x 4 mm
iC-LFS cDFN10
Please send your purchase orders to our order handling team:
Fax: +49 (0) 61 35 - 92 92 - 692
E-Mail: dispo@ichaus.com
For technical support, information about prices and terms of delivery please contact:
iC-Haus GmbH
Tel.: +49 (0) 61 35 - 92 92 - 0
Am Kuemmerling 18
Fax: +49 (0) 61 35 - 92 92 - 192
D-55294 Bodenheim
Web: http://www.ichaus.com
GERMANY
E-Mail: sales@ichaus.com
Appointed local distributors: http://www.ichaus.com/sales_partners



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com