Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASL920 Datasheet(PDF) 2 Page - Advanced Semiconductor Business Inc.

Part # ASL920
Description  1.2GHz CATV Push-pull Amplifier MMIC
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASB [Advanced Semiconductor Business Inc.]
Direct Link  http://www.asb.co.kr
Logo ASB - Advanced Semiconductor Business Inc.

ASL920 Datasheet(HTML) 2 Page - Advanced Semiconductor Business Inc.

  ASL920 Datasheet HTML 1Page - Advanced Semiconductor Business Inc. ASL920 Datasheet HTML 2Page - Advanced Semiconductor Business Inc. ASL920 Datasheet HTML 3Page - Advanced Semiconductor Business Inc. ASL920 Datasheet HTML 4Page - Advanced Semiconductor Business Inc. ASL920 Datasheet HTML 5Page - Advanced Semiconductor Business Inc. ASL920 Datasheet HTML 6Page - Advanced Semiconductor Business Inc. ASL920 Datasheet HTML 7Page - Advanced Semiconductor Business Inc. ASL920 Datasheet HTML 8Page - Advanced Semiconductor Business Inc. ASL920 Datasheet HTML 9Page - Advanced Semiconductor Business Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
2/18
ASB Inc.
 sales@asb.co.kr
March 2017
ASL920
2. Summary on Product Performances
2.1
Typical Performance
Supply voltage = +10 V, TA = +25
C, ZO = 75 
Parameter
Typical
Unit
Frequency
50
500
1000
1200
MHz
Gain
19.8
19.8
20.0
19.8
dB
S11
-18
-17
-22
-14
dB
S22
-19
-21
-20
-16
dB
Output IP31)
53
53
50
44
dBm
Output IP21),2)
82
dBm
Noise Figure
4.4
4.0
4.3
4.4
dB
CSO
653), 634), 625)
dBc
CTB
663), 614) , 605)
dBc
Current
630
mA
Device Voltage
+10
V
1) OIP3 and OIP2 are measured with two tones at an output power of +18 dBm/tone separated by 6 MHz.
2) OIP2 is measured at F1+F2 Frequency. (F1 = 400 MHz, F2 = 450 MHz)
3) CSO & CTB measured at Pout = 110 dB
V flat for NTSC 79 channels + QAM 256 75 channels, -6 dB offset.
4) CSO & CTB measured at Pout = 109 dB
V flat for PAL 99 channels.
5) CSO & CTB measured at Pout = 113 dB
V flat for Cenelec-42 channels.
2.2
Product Specification
Supply voltage = +10 V, TA = +25
C, ZO = 75 
Parameter
Min
Typ
Max
Unit
Frequency
500
MHz
Gain
19.8
dB
S11
-17
dB
S22
-21
dB
Output IP31)
53
dBm
Output IP21),2)
82
dBm
Noise Figure
4.1
dB
Current
630
mA
Device Voltage
+10
V
1) OIP3 and OIP2 are measured with two tones at an output power of +18 dBm/tone separated by 6 MHz.
2) OIP2 is measured at F1+F2 Frequency. (F1 = 400 MHz, F2 = 450 MHz)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com