Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASL920 Datasheet(PDF) 11 Page - Advanced Semiconductor Business Inc.

Part # ASL920
Description  1.2GHz CATV Push-pull Amplifier MMIC
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASB [Advanced Semiconductor Business Inc.]
Direct Link  http://www.asb.co.kr
Logo ASB - Advanced Semiconductor Business Inc.

ASL920 Datasheet(HTML) 11 Page - Advanced Semiconductor Business Inc.

Back Button ASL920 Datasheet HTML 7Page - Advanced Semiconductor Business Inc. ASL920 Datasheet HTML 8Page - Advanced Semiconductor Business Inc. ASL920 Datasheet HTML 9Page - Advanced Semiconductor Business Inc. ASL920 Datasheet HTML 10Page - Advanced Semiconductor Business Inc. ASL920 Datasheet HTML 11Page - Advanced Semiconductor Business Inc. ASL920 Datasheet HTML 12Page - Advanced Semiconductor Business Inc. ASL920 Datasheet HTML 13Page - Advanced Semiconductor Business Inc. ASL920 Datasheet HTML 14Page - Advanced Semiconductor Business Inc. ASL920 Datasheet HTML 15Page - Advanced Semiconductor Business Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
11/18
ASB Inc.
 sales@asb.co.kr
March 2017
ASL920
Bill of Material
Symbol
Value
Size
Description
Manufacturer
ASL920
-
-
MMIC Amplifier
ASB
C1, C2, C5, C6
1
F
0603
DC blocking capacitor
Murata
C3, C7
1
F
0603
Feedback capacitor
Murata
C4, C8
10
F
0805
Decoupling capacitor
Murata
C9, C10
1 pF
0402
Matching capacitor
Murata
C11, C12
1.5 pF
0402
Matching capacitor
Murata
L1, L2
1
H
1206
RF choke inductor
Murata
L3, L4
1.5 nH
0603
Matching inductor
Murata
L5, L6
15 nH
0603
Feedback inductor
Murata
R1, R2
510
0603
Feedback resistor
Samsung
R3
120
0603
Current adjust resistor
Samsung
R4, R5
750
0402
VCG1 adjust resistor
Samsung
R6, R7
1.5 k
0402
VCG2 adjust resistor
Samsung
T1, T2
1:1
-
Transformer balun
MACOM
Recommended Drop Resistor for 12 V supply
Drop Resistance(RD)
Size(mm)
Max. Ratings
6.2
5025
0.67 W
5.2
Performance Table
Supply voltage = +10 V, TA = +25
C, ZO = 75 
Parameter
Typical
Unit
Frequency
50
500
1000
1200
MHz
Gain
19.8
19.8
20.0
19.8
dB
S11
-18
-17
-22
-14
dB
S22
-19
-21
-20
-16
dB
Output IP31)
53
53
50
44
dBm
Output IP21),2)
82
dBm
Noise Figure
4.4
4.0
4.3
4.4
dB
CSO
623)
dBc
CTB
603)
dBc
Current
630
mA
Device Voltage
+10
V
1) OIP3 and OIP2 are measured with two tones at an output power of +18 dBm/tone separated by 6 MHz.
2) OIP2 is measured at F1+F2 Frequency. (F1 = 400 MHz, F2 = 450 MHz)
3) CSO & CTB measured at Pout = 113 dB
V flat for Cenelec-42 channels.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com