Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASL920 Datasheet(PDF) 10 Page - Advanced Semiconductor Business Inc.

Part # ASL920
Description  1.2GHz CATV Push-pull Amplifier MMIC
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASB [Advanced Semiconductor Business Inc.]
Direct Link  http://www.asb.co.kr
Logo ASB - Advanced Semiconductor Business Inc.

ASL920 Datasheet(HTML) 10 Page - Advanced Semiconductor Business Inc.

Back Button ASL920 Datasheet HTML 6Page - Advanced Semiconductor Business Inc. ASL920 Datasheet HTML 7Page - Advanced Semiconductor Business Inc. ASL920 Datasheet HTML 8Page - Advanced Semiconductor Business Inc. ASL920 Datasheet HTML 9Page - Advanced Semiconductor Business Inc. ASL920 Datasheet HTML 10Page - Advanced Semiconductor Business Inc. ASL920 Datasheet HTML 11Page - Advanced Semiconductor Business Inc. ASL920 Datasheet HTML 12Page - Advanced Semiconductor Business Inc. ASL920 Datasheet HTML 13Page - Advanced Semiconductor Business Inc. ASL920 Datasheet HTML 14Page - Advanced Semiconductor Business Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
10/18
ASB Inc.
 sales@asb.co.kr
March 2017
ASL920
5. Application: 50 ~ 1200 MHz (75
 Push-pull, Vsupply = +10 V)
5.1
Application Circuit & Evaluation Board
C1
C2
C3
C4
C5
C6
C7
C8
C9
C10
C11
C12
L1
L2
L3
L4
L5
L6
R1
R2
R3
R4
R5
R6
R7
T1 (MABACT0040)
T2 (MABA007159)
ASL920
Vdevice = +10 V
Vdevice = +10 V
RF OUT
RF IN
ASB Inc.
Transformer
RF OUT
1 : 1
RF IN
+Vsupply
Transformer
1 : 1
http://www.asb.co.kr
EB-T24-H3
GND
+Vsupply
GND
ASL920
PCB Information
Material
FR4
Thickness (mm)
0.8
Size (mm)
40x40
EB No.
EB-T24-H3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com