Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASL920 Datasheet(PDF) 3 Page - Advanced Semiconductor Business Inc.

Part # ASL920
Description  1.2GHz CATV Push-pull Amplifier MMIC
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASB [Advanced Semiconductor Business Inc.]
Direct Link  http://www.asb.co.kr
Logo ASB - Advanced Semiconductor Business Inc.

ASL920 Datasheet(HTML) 3 Page - Advanced Semiconductor Business Inc.

  ASL920 Datasheet HTML 1Page - Advanced Semiconductor Business Inc. ASL920 Datasheet HTML 2Page - Advanced Semiconductor Business Inc. ASL920 Datasheet HTML 3Page - Advanced Semiconductor Business Inc. ASL920 Datasheet HTML 4Page - Advanced Semiconductor Business Inc. ASL920 Datasheet HTML 5Page - Advanced Semiconductor Business Inc. ASL920 Datasheet HTML 6Page - Advanced Semiconductor Business Inc. ASL920 Datasheet HTML 7Page - Advanced Semiconductor Business Inc. ASL920 Datasheet HTML 8Page - Advanced Semiconductor Business Inc. ASL920 Datasheet HTML 9Page - Advanced Semiconductor Business Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
3/18
ASB Inc.
 sales@asb.co.kr
March 2017
ASL920
2.3
Pin Configuration
Pin
Description
Simplified Outline
3, 10
RF_IN
6, 7
Current Adjustable
17, 20
VCG2 Adjustable
18, 19
VCG1 Adjustable
15, 22
RF_ OUT
Others
NC or GND
Note: Backside metal paddle is RF and DC ground.
2.4
Absolute Maximum Ratings
Parameters
Max. Ratings
Operation Case Temperature
-40 to
110 C
Storage Temperature
-40 to
160 C
Device Voltage
+14 V
Maximum Current
800 mA
Operation Junction Temperature
+150
C
Input RF Power (CW, 75
 matched)
+28 dBm
2.5
Thermal Resistance
Symbol
Description
Typ
Unit
Rth
Thermal resistance from junction to lead
6
C/W
2.6
ESD Classification & Moisture Sensitivity Level
ESD Classification
HBM
Class 1B
Voltage Level: 750 V
MM
Class A
Voltage Level: 100 V
CAUTION: Gallium Arsenide Integrated Circuits are sensitive to electrostatic discharge (ESD) and can be
damaged by static electricity. Proper ESD control techniques should be used when handling
these devices.
Moisture Sensitivity Level
MSL 3 at 260
C reflow



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com