Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASL920 Datasheet(PDF) 4 Page - Advanced Semiconductor Business Inc.

Part # ASL920
Description  1.2GHz CATV Push-pull Amplifier MMIC
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASB [Advanced Semiconductor Business Inc.]
Direct Link  http://www.asb.co.kr
Logo ASB - Advanced Semiconductor Business Inc.

ASL920 Datasheet(HTML) 4 Page - Advanced Semiconductor Business Inc.

  ASL920 Datasheet HTML 1Page - Advanced Semiconductor Business Inc. ASL920 Datasheet HTML 2Page - Advanced Semiconductor Business Inc. ASL920 Datasheet HTML 3Page - Advanced Semiconductor Business Inc. ASL920 Datasheet HTML 4Page - Advanced Semiconductor Business Inc. ASL920 Datasheet HTML 5Page - Advanced Semiconductor Business Inc. ASL920 Datasheet HTML 6Page - Advanced Semiconductor Business Inc. ASL920 Datasheet HTML 7Page - Advanced Semiconductor Business Inc. ASL920 Datasheet HTML 8Page - Advanced Semiconductor Business Inc. ASL920 Datasheet HTML 9Page - Advanced Semiconductor Business Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
4/18
ASB Inc.
 sales@asb.co.kr
March 2017
ASL920
3. Application: 50 ~ 1002 MHz (75
 Push-pull, Vsupply = +10 V)
3.1
Application Circuit & Evaluation Board
C1
C5
C2
T2 (MABA007159)
T1 (MABACT0040)
C4
C8
L1
L2
C6
ASL920
C9
C10
C3
R1
C7
R2
R7
R6
R4
R5
L4
L3
R3
RF IN
RF OUT
Vdevice = +10 V
Vdevice = +10 V
RF OUT
EB-T24-H3
ASB Inc.
Transformer
http://www.asb.co.kr
1 : 1
Transformer
+Vsupply
RF IN
1 : 1
GND
+Vsupply
GND
ASL920
PCB Information
Material
FR4
Thickness (mm)
0.8
Size (mm)
40x40
EB No.
EB-T24-H3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com