Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASL920 Datasheet(PDF) 15 Page - Advanced Semiconductor Business Inc.

Part # ASL920
Description  1.2GHz CATV Push-pull Amplifier MMIC
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASB [Advanced Semiconductor Business Inc.]
Direct Link  http://www.asb.co.kr
Logo ASB - Advanced Semiconductor Business Inc.

ASL920 Datasheet(HTML) 15 Page - Advanced Semiconductor Business Inc.

Back Button ASL920 Datasheet HTML 10Page - Advanced Semiconductor Business Inc. ASL920 Datasheet HTML 11Page - Advanced Semiconductor Business Inc. ASL920 Datasheet HTML 12Page - Advanced Semiconductor Business Inc. ASL920 Datasheet HTML 13Page - Advanced Semiconductor Business Inc. ASL920 Datasheet HTML 14Page - Advanced Semiconductor Business Inc. ASL920 Datasheet HTML 15Page - Advanced Semiconductor Business Inc. ASL920 Datasheet HTML 16Page - Advanced Semiconductor Business Inc. ASL920 Datasheet HTML 17Page - Advanced Semiconductor Business Inc. ASL920 Datasheet HTML 18Page - Advanced Semiconductor Business Inc.  
Zoom Inzoom in Zoom Outzoom out
 15 / 18 page
background image
15/18
ASB Inc.
 sales@asb.co.kr
March 2017
ASL920
7. Application: 50 ~ 860 MHz, 34 dB Gain Cascade Application
7.1
Application Circuit (ASL920 Vdevice = +10 V)
7.2
Performance Table (ASL920 Vdevice = +10 V)
Supply voltage = +12 V, TA = +25
C, ZO = 75 
Parameter
Typical
Unit
Frequency
50
500
860
MHz
Gain
34.5
34.1
34.0
dB
S11
-22.0
-17.5
-20.0
dB
S22
-17.0
-19.0
-21.0
dB
CSO1)
67.0
dBc
CTB1)
61.2
dBc
XMOD1)
59.6
dBc
Noise Figure
3.3
3.6
3.6
dB
Current
116(1st stage amp), 637(2nd stage amp)
mA
Device Voltage
+8(1st stage amp), +10(2nd stage amp)
V
1) CSO, CTB, and XMOD measured at 745.25 MHz, Pout = 107 dB
V flat for NTSC 110 channels.
T1
C2=1 uF
C7=1 uF
C4=1 uF
C9=1 uF
R1=240 ohm
R2=240 ohm
L1=1 uH
L2=1 uH
C5=10 uF
C10=10 uF
L3=2.7 nH
C13=1 uF
C14=1 uF
C15=1 uF
C16=10 uF
C17=1 uF
C18=1 uF
C19=1 uF
C20=10 uF
L6=1 uH
R9=560 ohm
R10=560 ohm
R11=120 ohm
R12=750 ohm
R13=750 ohm
R14=1.5 kohm
R15=1.5 kohm
C12=1 pF
C3=1 uF
C8=1 uF
L7=2.7 nH
L8=2.7 nH
C1=1 uF
C6=1 uF
L4=2.7 nH
C11=1.2 pF
R3=10 ohm
R4=820 ohm
T2
R6=750 ohm
R5=750 ohm
C21=2.7 pF
C23=0.5 pF
R7=62 ohm
R8=62 ohm
C22=2.7 pF
L5=1 uH
R22=6.2 ohm (Max. power rating=0.67 W)
R23=6.2 ohm (Max. power rating=0.67 W)
AWB31D2
ASL920
RF IN
Vsupply_1st = +12 V
Vsupply_1st = +12 V
Vsupply_2nd = +12 V
Vsupply_2nd = +12 V
RF OUT
(MABA007159)
(MABA007159)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com