Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9953 Datasheet(PDF) 13 Page - Analog Devices

Part # AD9953
Description  400 MSPS 14-Bit, 1.8V CMOS Direct Digital Synthesizer
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9953 Datasheet(HTML) 13 Page - Analog Devices

Back Button AD9953 Datasheet HTML 9Page - Analog Devices AD9953 Datasheet HTML 10Page - Analog Devices AD9953 Datasheet HTML 11Page - Analog Devices AD9953 Datasheet HTML 12Page - Analog Devices AD9953 Datasheet HTML 13Page - Analog Devices AD9953 Datasheet HTML 14Page - Analog Devices AD9953 Datasheet HTML 15Page - Analog Devices AD9953 Datasheet HTML 16Page - Analog Devices AD9953 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 42 page
background image
PRELIMINARY TECHNICAL DATA
AD9953
The AD9953 serial port is a flexible, synchronous serial communications port allowing easy
interface to many industry standard micro-controllers and microprocessors. The serial I/O port is
compatible with most synchronous transfer formats, including both the Motorola 6905/11 SPI and
Intel 8051 SSR protocols.
The interface allows read/write access to all registers that configure the AD9953. MSB first or LSB
first transfer formats are supported. In addition, the AD9953’s serial interface port can be
configured as a single pin I/O (SDIO), which allows a two-wire interface or two unidirectional pins
for in/out (SDIO/SDO), which enables a three wire interface. Two optional pins (IOSYNC and
CSB) enable greater flexibility for system design-in of the AD9953.
Register Map and Descriptions
The Register Map is listed in the following table. The serial address numbers associated with
each of the registers are shown in hexadecimal format. Angle brackets <> are used to reference
specific bits or ranges of bits. For example, <3> designates bit 3 while <7:3> designates the range
of bits from 7 down to 3, inclusive.
REV. PrB 1/30/03
Page 13
Analog Devices, Inc.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com