Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9953 Datasheet(PDF) 39 Page - Analog Devices

Part # AD9953
Description  400 MSPS 14-Bit, 1.8V CMOS Direct Digital Synthesizer
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9953 Datasheet(HTML) 39 Page - Analog Devices

Back Button AD9953 Datasheet HTML 34Page - Analog Devices AD9953 Datasheet HTML 35Page - Analog Devices AD9953 Datasheet HTML 36Page - Analog Devices AD9953 Datasheet HTML 37Page - Analog Devices AD9953 Datasheet HTML 38Page - Analog Devices AD9953 Datasheet HTML 39Page - Analog Devices AD9953 Datasheet HTML 40Page - Analog Devices AD9953 Datasheet HTML 41Page - Analog Devices AD9953 Datasheet HTML 42Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 39 / 42 page
background image
PRELIMINARY TECHNICAL DATA
AD9953
R/-Wb—Bit 7 of the instruction byte determines whether a read or write data transfer will occur
after the instruction byte write. Logic high indicates read operation. Logic zero indicates a write
operation.
X, X—Bits 6 and 5 of the instruction byte are don’t care.
A4, A3, A2, A1, A0—Bits 4, 3, 2, 1, 0 of the instruction byte determine which register is accessed
during the data transfer portion of the communications cycle.
Serial Interface Port Pin Description
SCLK — Serial Clock. The serial clock pin is used to synchronize data to and from the AD9953
and to run the internal state machines. SCLK maximum frequency is 25 MHz.
CSB — Chip Select Bar. Active low input that allows more than one device on the same serial
communications line. The SDO and SDIO pins will go to a high impedance state when this input is
high. If driven high during any communications cycle, that cycle is suspended until CS is
reactivated low. Chip Select can be tied low in systems that maintain control of SCLK.
SDIO — Serial Data I/O. Data is always written into the AD9953 on this pin. However, this pin
can be used as a bi-directional data line. Bit 7 of register address 0h controls the configuration of
this pin. The default is logic zero, which configures the SDIO pin as bi-directional.
SDO — Serial Data Out. Data is read from this pin for protocols that use separate lines for
transmitting and receiving data. In the case where the AD9953 operates in a single bi-directional
I/O mode, this pin does not output data and is set to a high impedance state.
SYNCIO — Synchronizes the I/O port state machines without affecting the addressable registers
contents. An active high input on the SYNC I/O pin causes the current communication cycle to
abort. After SYNC I/O returns low (Logic 0) another communication cycle may begin, starting
with the instruction byte write.
MSB/LSB Transqfers
The AD9953 serial port can support both most significant bit (MSB) first or least significant bit
(LSB) first data formats. This functionality is controlled by the Control Register 00h<8> bit. The
default value of Control Register 00h<8> is low (MSB first). When Control Register 00h<8> is set
high, the AD9953 serial port is in LSB first format. The instruction byte must be written in the
format indicated by Control Register 00h<8>. That is, if the AD9953 is in LSB first mode, the
instruction byte must be written from least significant bit to most significant bit.
For MSB first operation, the serial port controller will generate the most significant byte (of the
specified register) address first followed by the next lesser significant byte addresses until the IO
REV. PrB 1/30/03
Page 39
Analog Devices, Inc.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com