Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9953 Datasheet(PDF) 21 Page - Analog Devices

Part # AD9953
Description  400 MSPS 14-Bit, 1.8V CMOS Direct Digital Synthesizer
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9953 Datasheet(HTML) 21 Page - Analog Devices

Back Button AD9953 Datasheet HTML 17Page - Analog Devices AD9953 Datasheet HTML 18Page - Analog Devices AD9953 Datasheet HTML 19Page - Analog Devices AD9953 Datasheet HTML 20Page - Analog Devices AD9953 Datasheet HTML 21Page - Analog Devices AD9953 Datasheet HTML 22Page - Analog Devices AD9953 Datasheet HTML 23Page - Analog Devices AD9953 Datasheet HTML 24Page - Analog Devices AD9953 Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 42 page
background image
PRELIMINARY TECHNICAL DATA
AD9953
CFR1<1>: SyncClk Disable bit.
When CFR1<1> = 0 (default), the SyncClk pin is active.
When CFR1<1> = 1, the SyncClk pin assumes a static logic 0 state (disabled). In
this state the pin drive logic is shut down to keep noise generated by the digital
circuitry at a minimum. However, the synchronization circuitry remains active
(internally) to maintain normal device timing.
CFR1<0>: Not used. Leave at 0.
NOTE: Assertion of this bit may cause the SyncClk pin to momentarily stop generating a Sync Clock signal. The device will not be operational during the
re-synchronization period.
Control Function Register #2 (CFR2)
The CFR2 is comprised of three bytes located in parallel addresses 06h-04h. The CFR2 is used to
control the various functions, features, and modes of the AD9953, primarily related to the analog
sections of the chip. All bits of the CFR2 will be routed directly to the Analog section of the
AD9953 as a single 24-bit bus labeled CFR2<23:0>.
CFR2<11>: High Speed Sync Enable bit.
When CFR2<11> = 0 (default) the High Speed Sync enhancement is off.
When CFR2<11> = 1, the High Speed Sync enhancement is on. See the
Synchronizing Multiple AD9953s section of this document for details.
CFR2<10>: Hardware Manual Sync Enable bit.
When CFR2<10> = 0 (default) the Hardware Manual Sync function is off.
When CFR2<11> = 1, the Hardware Manual Sync function is enabled. While this bit
is set, a rising edge on the SYNC_IN pin will cause the device to advance the
SYNC_CLK rising edge by one REFCLK cycle. Unlike the software manual sync
bit, this bit does not self-clear. Once the hardware manual sync mode is enabled, it
will stay enabled until this bit is cleared. See the Synchronizing Multiple AD9953s
section of this document for details.
REV. PrB 1/30/03
Page 21
Analog Devices, Inc.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com