Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9953 Datasheet(PDF) 4 Page - Analog Devices

Part # AD9953
Description  400 MSPS 14-Bit, 1.8V CMOS Direct Digital Synthesizer
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9953 Datasheet(HTML) 4 Page - Analog Devices

  AD9953 Datasheet HTML 1Page - Analog Devices AD9953 Datasheet HTML 2Page - Analog Devices AD9953 Datasheet HTML 3Page - Analog Devices AD9953 Datasheet HTML 4Page - Analog Devices AD9953 Datasheet HTML 5Page - Analog Devices AD9953 Datasheet HTML 6Page - Analog Devices AD9953 Datasheet HTML 7Page - Analog Devices AD9953 Datasheet HTML 8Page - Analog Devices AD9953 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 42 page
background image
PRELIMINARY TECHNICAL DATA
AD9953
REV. PrB 1/30/03
Page 4
Analog Devices, Inc.
AD9953 PRELIMINARY ELECTRICAL SPECIFICATIONS
(Unless otherwise noted: (VS=+1.8 V ±5%, RSET=1.96 kΩ, External reference clock frequency = 20 MHz with REFCLK
Multiplier enabled at 20
×)
Parameter
Temp
Test Level
AD9953
Min
Typ
Max
Units
REF CLOCK INPUT CHARACTERISTICS
Frequency Range
REFCLK Multiplier Disabled
FULL
VI
1
400
MHz
REFCLK Multiplier Enabled at 4X
FULL
VI
20
100
MHz
REFCLK Multiplier Enabled at 20X
FULL
VI
4
20
MHz
Input Capacitance
+25°C
V
3
pF
Input Impedance
+25°C
V
100
M
Ω
Duty Cycle
+25°C
V
50
%
Duty Cycle with REFCLK Multiplier Enabled
+25°C
V
35
65
%
DAC OUTPUT CHARACTERISTICS
Resolution
14
Bits
Full Scale Output Current
+25°C
5
10
15
mA
Gain Error
+25°C
I
-10
+10
%FS
Output Offset
+25°C
I
0.6
µA
Differential Nonlinearity
+25°C
V
1
LSB
Integral Nonlinearity
+25°C
V
2
LSB
Output Capacitance
+25°C
V
5
pF
Residual Phase Noise @ 1 kHz Offset, 40 MHz Aout
REFCLK Multiplier Enabled @ 20
×
+25°C
V
-89
dBc/Hz
REFCLK Multiplier Enabled @ 4
×
+25°C
V
-105
dBc/Hz
REFCLK Multiplier Disabled
+25°C
V
-116
dBc/Hz
Voltage Compliance Range
+25°C
I
AVDD-
0.375
AVDD +
0.25V
V
Wideband SFDR:
1 – 20 MHz Analog Out
+25°C
V
dBc
20 – 40 MHz Analog Out
+25°C
V
dBc
40 – 60 MHz Analog Out
+25°C
V
dBc
60 – 80 MHz Analog Out
+25°C
V
dBc
80 – 100 MHz Analog Out
+25°C
V
dBc
100 – 120 MHz Analog Out
+25°C
V
dBc
120 – 140 MHz Analog Out
+25°C
V
dBc
140 – 160 MHz Analog Out
+25°C
V
dBc
Narrow Band SFDR
10 MHz Analog Out (±1 MHz)
+25°C
V
dBc
10 MHz Analog Out (±250 kHz)
+25°C
V
dBc
10 MHz Analog Out (± 50 kHz)
+25°C
V
dBc
10 MHz Analog Out (± 10 kHz)
+25°C
V
dBc
65 MHz Analog Out (± 1 MHz)
+25°C
V
dBc
65 MHz Analog Out (± 250 kHz)
+25°C
V
dBc
65 MHz Analog Out (± 50 kHz)
+25°C
V
dBc
65 MHz Analog Out (± 10 kHz)
+25°C
V
dBc
80 MHz Analog Out (± 1 MHz)
+25°C
V
dBc
80 MHz Analog Out (± 250 kHz)
+25°C
V
dBc
80 MHz Analog Out (± 50 kHz)
+25°C
V
dBc
80 MHz Analog Out (± 10 kHz)
+25°C
V
dBc
100 MHz Analog Out (± 1 MHz)
+25°C
V
dBc
100 MHz Analog Out (± 250 kHz)
+25°C
V
dBc
100 MHz Analog Out (± 50 kHz)
+25°C
V
dBc
100 MHz Analog Out (± 10 kHz)
+25°C
V
dBc
120 MHz Analog Out (± 1 MHz)
+25°C
V
dBc
120 MHz Analog Out (± 250 kHz)
+25°C
V
dBc
120 MHz Analog Out (± 50 kHz)
+25°C
V
dBc
120 MHz Analog Out (± 10 kHz)
+25°C
V
dBc
140 MHz Analog Out (± 1 MHz)
+25°C
V
dBc
140 MHz Analog Out (± 250 kHz)
+25°C
V
dBc
140 MHz Analog Out (± 50 kHz)
+25°C
V
dBc
140 MHz Analog Out (± 10 kHz)
+25°C
V
dBc
160 MHz Analog Out (± 1 MHz)
+25°C
V
dBc
160 MHz Analog Out (± 250 kHz)
+25°C
V
dBc



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com