Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9953 Datasheet(PDF) 3 Page - Analog Devices

Part # AD9953
Description  400 MSPS 14-Bit, 1.8V CMOS Direct Digital Synthesizer
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9953 Datasheet(HTML) 3 Page - Analog Devices

  AD9953 Datasheet HTML 1Page - Analog Devices AD9953 Datasheet HTML 2Page - Analog Devices AD9953 Datasheet HTML 3Page - Analog Devices AD9953 Datasheet HTML 4Page - Analog Devices AD9953 Datasheet HTML 5Page - Analog Devices AD9953 Datasheet HTML 6Page - Analog Devices AD9953 Datasheet HTML 7Page - Analog Devices AD9953 Datasheet HTML 8Page - Analog Devices AD9953 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 42 page
background image
PRELIMINARY TECHNICAL DATA
AD9953
Frequency Tuning Word 1 (FTW1)
23
RAM Segment Control Words 0,1,2,3 (RSCW0) (RSCW1) (RSCW2), (RSCW3)
23
RAM
23
Modes of Operation
24
Single Tone Mode
24
RAM Controlled Modes of Operation
24
Direct Switch Mode
24
Ramp-Up Mode
25
Bi-directional Ramp Mode
25
Continuous Bi-directional Ramp Mode
26
Continuous Re-circulate Mode
27
RAM Controlled Modes of Operation Summary
28
Internal Profile Control
28
Programming AD9953 Features
30
Phase Offset Control
30
Phase/Amplitude Dithering
30
Shaped On-Off Keying
31
AUTO Shaped On-Off Keying mode operation:
32
OSK Ramp Rate Timer
33
External Shaped On-Off Keying mode operation:
33
Synchronization; Register Updates (I/O UPDATE)
34
Functionality of the SyncClk and I/O UPDATE
34
Figure D- I/O Synchronization Block Diagram
35
Figure E - I/O Synchronization Timing Diagram
35
Synchronizing Multiple AD9953s
36
Using a Single Crystal To Drive Multiple AD9953 Clock Inputs
36
Serial Port Operation
37
Instruction Byte
38
Serial Interface Port Pin Description
39
MSB/LSB Transqfers
39
Example Operation
40
RAM I/O Via Serial Port
40
Notes on Serial Port Operation
41
Power Down Functions of the AD9953
41
REV. PrB 1/30/03
Page 3
Analog Devices, Inc.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com