Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9953 Datasheet(PDF) 2 Page - Analog Devices

Part # AD9953
Description  400 MSPS 14-Bit, 1.8V CMOS Direct Digital Synthesizer
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9953 Datasheet(HTML) 2 Page - Analog Devices

  AD9953 Datasheet HTML 1Page - Analog Devices AD9953 Datasheet HTML 2Page - Analog Devices AD9953 Datasheet HTML 3Page - Analog Devices AD9953 Datasheet HTML 4Page - Analog Devices AD9953 Datasheet HTML 5Page - Analog Devices AD9953 Datasheet HTML 6Page - Analog Devices AD9953 Datasheet HTML 7Page - Analog Devices AD9953 Datasheet HTML 8Page - Analog Devices AD9953 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 42 page
background image
PRELIMINARY TECHNICAL DATA
AD9953
REV. PrB 1/30/03
Page 2
Analog Devices, Inc.
GENERAL DESCRIPTION
The AD9953 is a Direct Digital Synthesizer (DDS) featuring a
14-bit DAC operating up to 400MSPS. The AD9953 uses
advanced DDS technology, coupled with an internal high-speed,
high performance D/A converter to form a digitally-
programmable, complete high-frequency synthesizer capable of
generating a frequency-agile analog output sinusoidal waveform
at up to 200 MHz. The AD9953 is designed to provide fast
frequency hopping and fine tuning resolution (32-bit frequency
tuning word). The frequency tuning and control words are loaded
into the AD9953 via a serial I/O port. The AD9953 includes an
integrated 1024x32 Static RAM to support flexible frequency
sweep capability in several modes.
The AD9953 is specified to operate over the extended industrial
temperature range of -40° to +85°C.
ABSOLUTE MAXIMUM RATINGS
1
Maximum Junction Temp. ............................. +150 °C
Storage Temperature ................................... -65 °C to +150 °C
Vs ............................................................................ +4 V
Operating Temp. ............................................ -40 °C to +85 °C
Digital Input Voltage............................... -0.7 V to +Vs
Lead Temp. (10 sec. soldering) ................................... +300 °C
Digital Output Current ....................................... 5 mA
θJA .................................................................................. 38°C/W
θJC
15 °C/W
* Absolute maximum ratings are limiting values, to be applied individually, and beyond which the serviceability
of the circuit may be impaired. Functional operability under any of these conditions is not necessarily implied.
Exposure of absolute maximum rating conditions for extended periods of time may affect device reliability.
CONTENTS
Functional Block Diagram
1
GENERAL DESCRIPTION
2
AD9954 PRELIMINARY ELECTRICAL SPECIFICATIONS
4
AD9953 Pinmap
7
Pin Name
8
I/O
8
Component Blocks
10
DDS Core
10
Phase Truncation
11
Clock Input
11
Phase Locked Loop (PLL)
12
DAC Output
12
Serial IO Port
12
Register Maps and Descriptions
13
Control Register Bit Descriptions
16
Control Function Register #1 (CFR1)
16
Control Function Register #2 (CFR2)
Error! Bookmark not defined.
Control Function Register #2 (CFR2)
21
Other Register Descriptions
22
Amplitude Scale Factor (ASF)
22
Amplitude Ramp Rate (ARR)
22
Frequency Tuning Word 0 (FTW0)
23
Phase Offset Word (POW)
23



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com