Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ECT25S80 Datasheet(PDF) 5 Page - E-CMOS Corporation

Part # ECT25S80
Description  8M BIT SPI NOR FLASH
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-CMOS [E-CMOS Corporation]
Direct Link  http://www.ecmos.com.tw/
Logo E-CMOS - E-CMOS Corporation

ECT25S80 Datasheet(HTML) 5 Page - E-CMOS Corporation

  ECT25S80 Datasheet HTML 1Page - E-CMOS Corporation ECT25S80 Datasheet HTML 2Page - E-CMOS Corporation ECT25S80 Datasheet HTML 3Page - E-CMOS Corporation ECT25S80 Datasheet HTML 4Page - E-CMOS Corporation ECT25S80 Datasheet HTML 5Page - E-CMOS Corporation ECT25S80 Datasheet HTML 6Page - E-CMOS Corporation ECT25S80 Datasheet HTML 7Page - E-CMOS Corporation ECT25S80 Datasheet HTML 8Page - E-CMOS Corporation ECT25S80 Datasheet HTML 9Page - E-CMOS Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 45 page
background image
E-CMOS Corp. (www.ecmos.com.tw)
Page 5 of 45
5B16N-Rev.F001
ECT25S80
8M BIT SPI NOR FLASH
VCC is the supply voltage. is the single voltage used for all device functions including read, program, and erase.
VSS Ground
VSS is the reference for the VCC supply voltage.
Block/Sector Addresses
Table 2. Block/Sector Addresses of ECT25S80
Notes:
Memory
Density
Block(64k
byte)
Block(32k
byte)
Sector No.
Sector
Size(KB)
Address range
8Mbit
Block 0
Half block
0
Sector 0
4
000000h-000FFFh
:
:
:
Sector 7
4
007000h-007FFFh
Half block
1
Sector 8
4
008000h-008FFFh
:
4
:
Sector 15
4
00F000h-00FFFFh
Block 1
Half block
2
Sector 16
4
010000h-010FFFh
:
:
:
Sector 23
4
017000h-017FFFh
Half block
3
Sector 24
4
018000h-018FFFh
:
:
:
Sector 31
4
01F000h-01FFFFh
:
:
:
:
:
Block 14
Half block
28
Sector 224
4
0E0000h-0E0FFFh
:
:
:
Sector 231
4
0E7000h-0E7FFFh
Half block
29
Sector 232
4
0E8000h-0E8FFFh
:
:
:
Sector 239
4
0EF000h-0EFFFFh
Block 15
Half block
30
Sector 240
4
0F0000h-0F0FFFh
:
:
:
Sector 247
4
0F7000h-0F7FFFh
Half block
31
Sector 248
4
0F8000h-0F8FFFh
:
:
:
Sector 255
4
0FF000h-0FFFFFh



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com