Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ECT25S80 Datasheet(PDF) 42 Page - E-CMOS Corporation

Part # ECT25S80
Description  8M BIT SPI NOR FLASH
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-CMOS [E-CMOS Corporation]
Direct Link  http://www.ecmos.com.tw/
Logo E-CMOS - E-CMOS Corporation

ECT25S80 Datasheet(HTML) 42 Page - E-CMOS Corporation

Back Button ECT25S80 Datasheet HTML 37Page - E-CMOS Corporation ECT25S80 Datasheet HTML 38Page - E-CMOS Corporation ECT25S80 Datasheet HTML 39Page - E-CMOS Corporation ECT25S80 Datasheet HTML 40Page - E-CMOS Corporation ECT25S80 Datasheet HTML 41Page - E-CMOS Corporation ECT25S80 Datasheet HTML 42Page - E-CMOS Corporation ECT25S80 Datasheet HTML 43Page - E-CMOS Corporation ECT25S80 Datasheet HTML 44Page - E-CMOS Corporation ECT25S80 Datasheet HTML 45Page - E-CMOS Corporation  
Zoom Inzoom in Zoom Outzoom out
 42 / 45 page
background image
E-CMOS Corp. (www.ecmos.com.tw)
Page 42 of 45
5B16N-Rev.F001
ECT25S80
8M BIT SPI NOR FLASH
Ordering Information & Marking Information
ECT25S XX X XX X X
Device Function
80=8M bit
R:Tape & Reel
C:Commercial(0°C to
+70°C)
I:Industrial(-40°C to
+85°C)
M1:SOP-8(150mil)
M2:SOP-8(208mil)
P1:PDIP
S:3V
L:1.8V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com