Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ECT25S80 Datasheet(PDF) 24 Page - E-CMOS Corporation

Part # ECT25S80
Description  8M BIT SPI NOR FLASH
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-CMOS [E-CMOS Corporation]
Direct Link  http://www.ecmos.com.tw/
Logo E-CMOS - E-CMOS Corporation

ECT25S80 Datasheet(HTML) 24 Page - E-CMOS Corporation

Back Button ECT25S80 Datasheet HTML 20Page - E-CMOS Corporation ECT25S80 Datasheet HTML 21Page - E-CMOS Corporation ECT25S80 Datasheet HTML 22Page - E-CMOS Corporation ECT25S80 Datasheet HTML 23Page - E-CMOS Corporation ECT25S80 Datasheet HTML 24Page - E-CMOS Corporation ECT25S80 Datasheet HTML 25Page - E-CMOS Corporation ECT25S80 Datasheet HTML 26Page - E-CMOS Corporation ECT25S80 Datasheet HTML 27Page - E-CMOS Corporation ECT25S80 Datasheet HTML 28Page - E-CMOS Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 45 page
background image
E-CMOS Corp. (www.ecmos.com.tw)
Page 24 of 45
5B16N-Rev.F001
ECT25S80
8M BIT SPI NOR FLASH
Fast Read Quad I/O with “8/16/32/64-Byte Wrap Around”
The Fast Read Quad I/O instruction can also be used to access a specific portion within a
page by i
ssuing a “Set Burst with Wrap”(77h)instruction prior to EBh. The “Set Burst with
Wrap”(77h) instruction can either enable or disable the “Wrap Around” feature for the
following EBh
instructions. When “Wrap Around” is enabled, the data being accessed can be
limited to either an 8,16,32 or 64-byte section of a 256-byte page. The output data starts at
the initial address specified in the instruction, once it reaches the ending boundary of the
8/16/32/64-byte section, the output will wrap around to the beginning boundary
automatically
until /CS is pulled high to terminate the instruction.
The Burst with Wrap feature allows applications that use cache to quickly fetch a critical
Address and then fill the cache afterwards within a fixed length (8/16/32/64-byte) of data
Without issuing multiple read instructions.
The “Set Burst with Wrap” instruction allows three “Wrap Bits”, W6-4 to be set. The W4 bit is
Used
to enable or disable the “Wrap Around” operation while W6-5 are used to specify the
length of the wrap around section within a page.
Similar to a Quad I/O instruction, the Set Burst with Wrap instruction is initiated by driving the
/CS
pin low and then shifting the instruction code “77h” followed by 24 dummy bits and 8
“Wrap Bits”, W7-0. Wrap bit W7 and the lower nibble W3-0 are not used.
Once W6-
4 is set by a Set Burst with Wrap instruction, all the following “Fast Read Quad I/O”
and“
Word Read Quad I/O” instructions will use the W6-4 setting to access the 8/16/32/64-
byte section within any page
. To exit the “Wrap Around” function and return to normal read
operation, another Set Burst with Wrap instruction should be issued to set W4=1. The default
value of W4 upon power on is 1.
W6
W5
W4 = 0
W4 =1 (DEFAULT)
Wrap Around
Wrap Length
Wrap Around
Wrap Length
0
0
Yes
8-byte
No
N/A
0
1
Yes
16-byte
No
N/A
1
0
Yes
32-byte
No
N/A
1
1
Yes
64-byte
No
N/A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com