Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ECT25S80 Datasheet(PDF) 16 Page - E-CMOS Corporation

Part # ECT25S80
Description  8M BIT SPI NOR FLASH
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-CMOS [E-CMOS Corporation]
Direct Link  http://www.ecmos.com.tw/
Logo E-CMOS - E-CMOS Corporation

ECT25S80 Datasheet(HTML) 16 Page - E-CMOS Corporation

Back Button ECT25S80 Datasheet HTML 12Page - E-CMOS Corporation ECT25S80 Datasheet HTML 13Page - E-CMOS Corporation ECT25S80 Datasheet HTML 14Page - E-CMOS Corporation ECT25S80 Datasheet HTML 15Page - E-CMOS Corporation ECT25S80 Datasheet HTML 16Page - E-CMOS Corporation ECT25S80 Datasheet HTML 17Page - E-CMOS Corporation ECT25S80 Datasheet HTML 18Page - E-CMOS Corporation ECT25S80 Datasheet HTML 19Page - E-CMOS Corporation ECT25S80 Datasheet HTML 20Page - E-CMOS Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 45 page
background image
E-CMOS Corp. (www.ecmos.com.tw)
Page 16 of 45
5B16N-Rev.F001
ECT25S80
8M BIT SPI NOR FLASH
Configuration and Status Instructions
Write Enable (06H)
See Figure 5, the Write Enable instruction is for setting the Write Enable Latch bit. The Write Enable Latch bit
must be set prior to every Page Program, Sector Erase, Block Erase, Chip Erase and Write Status Register
instruction. The Write Enable instruction sequence: /CS goes low sending the Write Enable instruction /CS
goes high.
Figure 5. Write Enable Sequence Diagram
Write Disable (04H)
See Figure 6, the Write Disable instruction is for resetting the Write Enable Latch bit. The Write Disable
instruction sequence: /CS goes low
Sending the Write Disable instruction /CS goes high.The WEL bit is reset
by following condition:Power-up and upon completion of the Write status Register, Page Program, Sector
Erase, Block Erase and Chip Erase instructions.
Figure 6. Write Disable Sequence Diagram
Read Status Register (05H or 35H)
See Figure7 the Read Status Register (RDSR) instruction is for reading the Status Register. The Status
Register maybe read at any time, even while a Program, Erase or Write Status Register cycle is in progress.
When one of these cycles is in progress, it is recommended to check the Write in Progress (WIP) bit before
sending a new instruction to the device. It is also possible to read the Status Register continuously. For
instruction code “05H”, the SO will output Status Register bits S7~S0. The instruction code “35H”, the SO will
output Status Register bits S15~S8.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com