Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ECT25S80 Datasheet(PDF) 34 Page - E-CMOS Corporation

Part # ECT25S80
Description  8M BIT SPI NOR FLASH
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-CMOS [E-CMOS Corporation]
Direct Link  http://www.ecmos.com.tw/
Logo E-CMOS - E-CMOS Corporation

ECT25S80 Datasheet(HTML) 34 Page - E-CMOS Corporation

Back Button ECT25S80 Datasheet HTML 30Page - E-CMOS Corporation ECT25S80 Datasheet HTML 31Page - E-CMOS Corporation ECT25S80 Datasheet HTML 32Page - E-CMOS Corporation ECT25S80 Datasheet HTML 33Page - E-CMOS Corporation ECT25S80 Datasheet HTML 34Page - E-CMOS Corporation ECT25S80 Datasheet HTML 35Page - E-CMOS Corporation ECT25S80 Datasheet HTML 36Page - E-CMOS Corporation ECT25S80 Datasheet HTML 37Page - E-CMOS Corporation ECT25S80 Datasheet HTML 38Page - E-CMOS Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 45 page
background image
E-CMOS Corp. (www.ecmos.com.tw)
Page 34 of 45
5B16N-Rev.F001
ECT25S80
8M BIT SPI NOR FLASH
Chip Erase (60/C7H)
The Chip Erase instruction sets all memory within the device to the erased state of all 1s (FFh).
A Write Enable instruction must be executed before the device will accept the Chip Erase
Instruction (Status Register bit WEL must equal 1). The instruction is initiated by driving the
/CS pin low and
shifting the instruction code “C7h” or “60h”. The Chip Erase instruction
sequence is shown in Figure 31.
The /CS pin must be driven high after the eighth bit has been latched. If this is not done the
Chip Erase instruction will not be executed. After /CS is driven high, the self-timed Chip
Erase instruction will commence for a time duration of tCE. While the Chip Erase cycle is in
progress, the Read Status Register instruction may still be accessed to check the status of the
WIP bit.
The WIP bit is a 1 during the Chip Erase cycle and becomes a 0 when finished and the device
Is ready to accept other Instructions again. After the Chip Erase cycle has finished the Write
Enable Latch
(WEL)
bit
in
the
Status
Register
is
cleared
to
0.
The
Chip
Erase
instruction
will
not
be executed if any page is protected by the Block Protect (CMP,
SEC, TB, BP2, BP1, and BP0) bits(see Table 6&7).
Figure 31. Chip Erase Sequence Diagram
Erase / Program Suspend (75H)
The Erase/Program Suspend instruction allows the system to interrupt a Sector or Block
Erase operation, then read from or program data to any other sector. The Erase/Program
Suspend instruction also allows the system to interrupt a Page Program operation and then
read from any other page or erase any other sector or block. The Erase/Program Suspend
instruction sequence is shown in Figure 32.
The Write Status Registers instruction (01h) and Erase instructions (20h, D8h, C7h, 60h, 44h)
Are not allowed during Erase Suspend. Erase Suspend is valid only during the Sector or Block
Erase operation.If written during the Chip Erase operation, the Erase Suspend instruction is
ignored.The Write Status Registers instruction (01h), and Program instructions (02h,
32h,
42h)are not allowed during Program Suspend. Program Suspend is valid only during
the
Page Program operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com