Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ECT25S80 Datasheet(PDF) 39 Page - E-CMOS Corporation

Part # ECT25S80
Description  8M BIT SPI NOR FLASH
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-CMOS [E-CMOS Corporation]
Direct Link  http://www.ecmos.com.tw/
Logo E-CMOS - E-CMOS Corporation

ECT25S80 Datasheet(HTML) 39 Page - E-CMOS Corporation

Back Button ECT25S80 Datasheet HTML 35Page - E-CMOS Corporation ECT25S80 Datasheet HTML 36Page - E-CMOS Corporation ECT25S80 Datasheet HTML 37Page - E-CMOS Corporation ECT25S80 Datasheet HTML 38Page - E-CMOS Corporation ECT25S80 Datasheet HTML 39Page - E-CMOS Corporation ECT25S80 Datasheet HTML 40Page - E-CMOS Corporation ECT25S80 Datasheet HTML 41Page - E-CMOS Corporation ECT25S80 Datasheet HTML 42Page - E-CMOS Corporation ECT25S80 Datasheet HTML 43Page - E-CMOS Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 45 page
background image
E-CMOS Corp. (www.ecmos.com.tw)
Page 39 of 45
5B16N-Rev.F001
ECT25S80
8M BIT SPI NOR FLASH
AC Measurement Conditions
Figure 35. AC Measurement I/O Waveform
AC Electrical Characteristics
Symbol
Parameter
Mi
n
Tpy
Max
Unit
Condition
s
CL
Load Capacitance
30
pF
TR, TF
Input Rise And Fall time
5
ns
VIN
Input Pause Voltage
0.2VCC to 0.8VCC
V
IN
Input Timing Reference Voltage
0.3VCC to 0.7VCC
V
OUT
Output Timing Reference
Voltage
0.5VCC
V
Symbol
Parameter
Min. Typ.
Max. Unit.
fc
Clock frequency for all instructions, except
Read
Data(03H)
DC.
108
MHz
fR
Clock freq. Read Data instruction(03H)
DC.
55
MHz
tCLH
Serial Clock High Time
4
ns
tCLL
Serial Clock Low Time
4
ns
tCLCH
Serial Clock Rise Time (Slew Rate)
0.1(1)
V/ns
tCHCL
Serial Clock Fall Time (Slew Rate)
0.1(1)
V/ns
tSLCH
/CS Active Setup Time
5
ns
tCHSH
/CS Active Hold Time
5
ns
tSHCH
/CS Not Active Setup Time
5
ns
tCHSL
/CS Not Active Hold Time
5
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com