Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC12CE673-04E/P Datasheet(PDF) 38 Page - Microchip Technology

Part # PIC12CE673-04E/P
Description  8-Pin, 8-Bit CMOS Microcontroller with A/D Converter and EEPROM Data Memory
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC12CE673-04E/P Datasheet(HTML) 38 Page - Microchip Technology

Back Button PIC12CE673-04E/P Datasheet HTML 34Page - Microchip Technology PIC12CE673-04E/P Datasheet HTML 35Page - Microchip Technology PIC12CE673-04E/P Datasheet HTML 36Page - Microchip Technology PIC12CE673-04E/P Datasheet HTML 37Page - Microchip Technology PIC12CE673-04E/P Datasheet HTML 38Page - Microchip Technology PIC12CE673-04E/P Datasheet HTML 39Page - Microchip Technology PIC12CE673-04E/P Datasheet HTML 40Page - Microchip Technology PIC12CE673-04E/P Datasheet HTML 41Page - Microchip Technology PIC12CE673-04E/P Datasheet HTML 42Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 116 page
background image
PIC12CE67X
DS40181B-page 38
Preliminary
© 1998 Microchip Technology Inc.
FIGURE 8-2:
ADCON1 REGISTER (ADDRESS 9Fh)
U-0
U-0
U-0
U-0
U-0
R/W-0
R/W-0
R/W-0
—
—
—
—
—
PCFG2
PCFG1
PCFG0
R = Readable bit
W = Writable bit
U = Unimplemented
bit, read as ‘0’
- n =Value at POR reset
bit7
bit0
bit 7-2:
Unimplemented: Read as '0'
bit 1-0:
PCFG2:PCFG0: A/D Port Configuration Control bits
A = Analog input
D = Digital I/O
Note 1: Value on reset.
Note 2: Any instruction that reads a pin configured as an analog input will read a '0'.
PCFG2:PCFG0
GP4
GP2
GP1
GP0
VREF
000(1)
A
A
A
A
VDD
001
A
A
VREF
A
GP1
010
D
A
A
A
VDD
011
D
A
VREF
A
GP1
100
D
D
A
A
VDD
101
D
D
VREF
A
GP1
110
D
D
D
A
VDD
111
D
D
D
D
VDD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com