Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC12CE673-04E/P Datasheet(PDF) 81 Page - Microchip Technology

Part # PIC12CE673-04E/P
Description  8-Pin, 8-Bit CMOS Microcontroller with A/D Converter and EEPROM Data Memory
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC12CE673-04E/P Datasheet(HTML) 81 Page - Microchip Technology

Back Button PIC12CE673-04E/P Datasheet HTML 77Page - Microchip Technology PIC12CE673-04E/P Datasheet HTML 78Page - Microchip Technology PIC12CE673-04E/P Datasheet HTML 79Page - Microchip Technology PIC12CE673-04E/P Datasheet HTML 80Page - Microchip Technology PIC12CE673-04E/P Datasheet HTML 81Page - Microchip Technology PIC12CE673-04E/P Datasheet HTML 82Page - Microchip Technology PIC12CE673-04E/P Datasheet HTML 83Page - Microchip Technology PIC12CE673-04E/P Datasheet HTML 84Page - Microchip Technology PIC12CE673-04E/P Datasheet HTML 85Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 81 / 116 page
background image
© 1998 Microchip Technology Inc.
Preliminary
DS40181B-page 81
PIC12CE67X
12.0
ELECTRICAL CHARACTERISTICS FOR PIC12CE67X
Absolute Maximum Ratings †
Ambient temperature under bias............................................................................................................. .–40
° to +125°C
Storage temperature ............................................................................................................................. –65
°C to +150°C
Voltage on any pin with respect to VSS (except VDD and MCLR)................................................... –0.3V to (VDD + 0.3V)
Voltage on VDD with respect to VSS ................................................................................................................ 0 to +7.0V
Voltage on MCLR with respect to VSS (Note 2)..................................................................................................0 to +14V
Total power dissipation (Note 1) ...........................................................................................................................700 mW
Maximum current out of VSS pin ...........................................................................................................................150 mA
Maximum current into VDD pin ..............................................................................................................................125 mA
Input clamp current, IIK (VI < 0 or VI > VDD)
.....................................................................................................................± 20 mA
Output clamp current, IOK (VO < 0 or VO > VDD)
.............................................................................................................± 20 mA
Maximum output current sunk by any I/O pin..........................................................................................................25 mA
Maximum output current sourced by any I/O pin ....................................................................................................25 mA
Maximum current sunk by GPIO pins combined ...................................................................................................100 mA
Maximum current sourced by GPIO pins combined..............................................................................................100 mA
Note 1: Power dissipation is calculated as follows: Pdis = VDD x {IDD -
∑ IOH} + ∑ {(VDD - VOH) x IOH} + ∑(VOl x IOL).
† NOTICE: Stresses above those listed under “Absolute Maximum Ratings” may cause permanent damage to the
device. This is a stress rating only and functional operation of the device at those or any other conditions above those
indicated in the operation listings of this specification is not implied. Exposure to maximum rating conditions for
extended periods may affect device reliability.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com