Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC12CE673-04E/P Datasheet(PDF) 84 Page - Microchip Technology

Part # PIC12CE673-04E/P
Description  8-Pin, 8-Bit CMOS Microcontroller with A/D Converter and EEPROM Data Memory
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC12CE673-04E/P Datasheet(HTML) 84 Page - Microchip Technology

Back Button PIC12CE673-04E/P Datasheet HTML 80Page - Microchip Technology PIC12CE673-04E/P Datasheet HTML 81Page - Microchip Technology PIC12CE673-04E/P Datasheet HTML 82Page - Microchip Technology PIC12CE673-04E/P Datasheet HTML 83Page - Microchip Technology PIC12CE673-04E/P Datasheet HTML 84Page - Microchip Technology PIC12CE673-04E/P Datasheet HTML 85Page - Microchip Technology PIC12CE673-04E/P Datasheet HTML 86Page - Microchip Technology PIC12CE673-04E/P Datasheet HTML 87Page - Microchip Technology PIC12CE673-04E/P Datasheet HTML 88Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 116 page
background image
PIC12CE67X
DS40181B-page 84
Preliminary
© 1998 Microchip Technology Inc.
12.2
DC Characteristics:
PIC12LCE673-04 (Commercial, Industrial)
PIC12LCE674-04 (Commercial, Industrial)
DC CHARACTERISTICS
Standard Operating Conditions (unless otherwise specified)
Operating temperature
0˚C
≤ TA ≤ +70˚C (commercial)
–40˚C
≤ TA ≤ +85˚C (industrial)
Param
No.
Characteristic
Sym
Min
Typ† Max Units
Conditions
D001
Supply Voltage
VDD
2.5
-
5.5
V
XT, INTRC, EXTRC and LP osc configuration
(DC - 4 MHz)
D002*
RAM Data Retention
Voltage (Note 1)
VDR
-
TBD
-
V
Device in SLEEP mode
D003
VDD start voltage to
ensure internal
Power-on Reset
signal
VPOR
-
VSS
-
V
See section on Power-on Reset for details
D004*
VDD rise rate to
ensure internal
Power-on Reset
signal
SVDD
TBD
-
-
V/ms See section on Power-on Reset for details
D010
D010B
D010A
Supply Current
(Note 2)
IDD
-
-
TBD
TBD
TBD
TBD
TBD
TBD
mA
mA
µA
XT, EXTRC osc configuration
FOSC = 4 MHz, VDD = 3.0V (Note 4)
INTRC osc configuration
FOSC = 4 MHz, VDD = 3.0V (Note 5)
LP osc configuration
FOSC = 32 kHz, VDD = 3.0V, WDT disabled
D020
D021
D021A
Power-down Current
(Note 3)
IPD
-
-
-
TBD
TBD
TBD
µA
µA
µA
VDD = 3.0V, WDT enabled, –40
°C to +85°C
VDD = 3.0V, WDT disabled, 0
°C to +70°C
VDD = 3.0V, WDT disabled, –40
°C to +85°C
*
These parameters are characterized but not tested.
†
Data in "Typ" column is at 5V, 25˚C unless otherwise stated. These parameters are for design guidance only
and are not tested.
Note 1: This is the limit to which VDD can be lowered in SLEEP mode without losing RAM data.
2: The supply current is mainly a function of the operating voltage and frequency. Other factors such as I/O pin
loading and switching rate, oscillator type, internal code execution pattern, and temperature also have an
impact on the current consumption.
The test conditions for all IDD measurements in active operation mode are:
OSC1 = external square wave, from rail to rail; all I/O pins tristated, pulled to VDD
MCLR = VDD; WDT enabled/disabled as specified.
3:
The power-down current in SLEEP mode does not depend on the oscillator type. Power-down current is
measured with the part in SLEEP mode, with all I/O pins in hi-impedance state and tied to VDD and VSS.
4:
For EXTRC osc configuration, current through Rext is not included. The current through the resistor can be
estimated by the formula Ir = VDD/2Rext (mA) with Rext in kOhm.
5: INTRC calibration value is for 4 MHz nominal at 5V, 25
°C.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com