Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC12CE673-04E/P Datasheet(PDF) 90 Page - Microchip Technology

Part # PIC12CE673-04E/P
Description  8-Pin, 8-Bit CMOS Microcontroller with A/D Converter and EEPROM Data Memory
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC12CE673-04E/P Datasheet(HTML) 90 Page - Microchip Technology

Back Button PIC12CE673-04E/P Datasheet HTML 86Page - Microchip Technology PIC12CE673-04E/P Datasheet HTML 87Page - Microchip Technology PIC12CE673-04E/P Datasheet HTML 88Page - Microchip Technology PIC12CE673-04E/P Datasheet HTML 89Page - Microchip Technology PIC12CE673-04E/P Datasheet HTML 90Page - Microchip Technology PIC12CE673-04E/P Datasheet HTML 91Page - Microchip Technology PIC12CE673-04E/P Datasheet HTML 92Page - Microchip Technology PIC12CE673-04E/P Datasheet HTML 93Page - Microchip Technology PIC12CE673-04E/P Datasheet HTML 94Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 90 / 116 page
background image
PIC12CE67X
DS40181B-page 90
Preliminary
© 1998 Microchip Technology Inc.
12.6
Timing Diagrams and Specifications
FIGURE 12-2: EXTERNAL CLOCK TIMING
TABLE 12-2:
CLOCK TIMING REQUIREMENTS
Parameter
No.
Sym
Characteristic
Min
Typ†
Max
Units
Conditions
Fosc
External CLKIN Frequency
(Note 1)
DC
—
4
MHz
XT and EXTRC osc mode
DC
—
4
MHz
HS osc mode (PIC12CE67X-04)
DC
—
10
MHz
HS osc mode (PIC12CE67X-10)
DC
—
200
kHz
LP osc mode
Oscillator Frequency
(Note 1)
DC
—
4
MHz
EXTRC osc mode
.455
—
4
MHz
XT osc mode
4
—
4
MHz
HS osc mode (PIC12CE67X-04)
4
—
10
MHz
HS osc mode (PIC12CE67X-10)
5
—
200
kHz
LP osc mode
1
Tosc
External CLKIN Period
(Note 1)
250
—
—
ns
XT and EXTRC osc mode
250
—
—
ns
HS osc mode (PIC12CE67X-04)
100
—
—
ns
HS osc mode (PIC12CE67X-10)
5
—
—
µs
LP osc mode
Oscillator Period
(Note 1)
250
—
—
ns
EXTRC osc mode
250
—
10,000
ns
XT osc mode
250
—
250
ns
HS osc mode (PIC12CE67X-04)
100
—
250
ns
HS osc mode (PIC12CE67X-10)
5
—
—
µs
LP osc mode
2
TCY
Instruction Cycle Time (Note 1)
400
—
DC
ns
TCY = 4/FOSC
3
TosL,
TosH
External Clock in (OSC1) High
or Low Time
50
—
—
ns
XT oscillator
2.5
—
—
µs
LP oscillator
10
—
—
ns
HS oscillator
4
TosR,
TosF
External Clock in (OSC1) Rise
or Fall Time
—
—
25
ns
XT oscillator
—
—
50
ns
LP oscillator
—
—
15
ns
HS oscillator
†
Data in "Typ" column is at 5V, 25
°C unless otherwise stated. These parameters are for design guidance only and are not
tested.
Note 1:
Instruction cycle period (TCY) equals four times the input oscillator time-base period. All specified values are based on
characterization data for that particular oscillator type under standard operating conditions with the device executing code.
Exceeding these specified limits may result in an unstable oscillator operation and/or higher than expected current con-
sumption. All devices are tested to operate at "min." values with an external clock applied to the OSC1/CLKIN pin.
When an external clock input is used, the "Max." cycle time limit is "DC" (no clock) for all devices. OSC2 is disconnected
(has no loading) for the PIC12CE67X.
OSC1
CLKOUT
Q4
Q1
Q2
Q3
Q4
Q1
1
2
3
3
4
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com