Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC12CE673-04E/P Datasheet(PDF) 85 Page - Microchip Technology

Part # PIC12CE673-04E/P
Description  8-Pin, 8-Bit CMOS Microcontroller with A/D Converter and EEPROM Data Memory
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC12CE673-04E/P Datasheet(HTML) 85 Page - Microchip Technology

Back Button PIC12CE673-04E/P Datasheet HTML 81Page - Microchip Technology PIC12CE673-04E/P Datasheet HTML 82Page - Microchip Technology PIC12CE673-04E/P Datasheet HTML 83Page - Microchip Technology PIC12CE673-04E/P Datasheet HTML 84Page - Microchip Technology PIC12CE673-04E/P Datasheet HTML 85Page - Microchip Technology PIC12CE673-04E/P Datasheet HTML 86Page - Microchip Technology PIC12CE673-04E/P Datasheet HTML 87Page - Microchip Technology PIC12CE673-04E/P Datasheet HTML 88Page - Microchip Technology PIC12CE673-04E/P Datasheet HTML 89Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 116 page
background image
© 1998 Microchip Technology Inc.
Preliminary
DS40181B-page 85
PIC12CE67X
12.3
DC Characteristics:
PIC12CE673-04 (Commercial, Industrial, Extended(4))
PIC12CE673-10 (Commercial, Industrial, Extended(4))
PIC12CE674-04 (Commercial, Industrial, Extended(4))
PIC12CE674-10 (Commercial, Industrial, Extended(4))
DC CHARACTERISTICS
Standard Operating Conditions (unless otherwise specified)
Operating temperature
0˚C
≤ TA ≤ +70˚C (commercial)
–40˚C
≤ TA ≤ +85˚C (industrial)
–40
°C ≤ TA ≤ +125˚C (extended)
Operating voltage VDD range as described in DC spec Section 12.1 and
Section 12.2.
Param
No.
Characteristic
Sym
Min
Typ
†
Max
Units
Conditions
Input Low Voltage
I/O ports
VIL
D030
with TTL buffer
VSS
-
0.5V
V
D031
with Schmitt Trigger buffer
VSS
-
0.2VDD
V
D032
MCLR, GP2/T0CKI/AN2/INT
(in EXTRC mode)
VSS
-
0.2VDD
V
D033
OSC1 (in XT, HS and LP)
VSS
-
0.3VDD
V
Note1
Input High Voltage
I/O ports
VIH
-
D040
with TTL buffer
2.0
-
VDD
V
4.5
≤ VDD ≤ 5.5V
D040A
0.8VDD
-
VDD
V
For VDD > 5.5V or VDD < 4.5V
D041
with Schmitt Trigger buffer
0.8VDD
-
VDD
V
For entire VDD range
D042
MCLR, GP2/T0CKI/AN2/INT
0.8VDD
-
VDD
V
D042A
OSC1 (XT, HS and LP)
0.7VDD
-
VDD
V
Note1
D043
OSC1 (in EXTRC mode)
0.9VDD
-
VDD
V
D070
GPIO weak pull-up current
IPUR
50
250
400
µA VDD = 5V, VPIN = VSS
Input Leakage Current (Notes 2, 3)
D060
I/O ports
IIL
-
-
+1
µA Vss ≤ VPIN ≤ VDD, Pin at hi-
impedance
D061
MCLR, GP2/T0CKI
-
-
+5(5)
µA Vss ≤ VPIN ≤ VDD
D063
OSC1
-
-
+5
µA Vss ≤ VPIN ≤ VDD, XT, HS and LP
osc configuration
Output Low Voltage
D080
I/O ports/CLKOUT
VOL
-
-
0.6
V
IOL = 8.5 mA, VDD = 4.5V,
–40
°C to +85°C
D080A
-
-
0.6
V
IOL = 7.0 mA, VDD = 4.5V,
–40
°C to +125°C
D083
OSC2
-
-
0.6
V
IOL = 1.6 mA, VDD = 4.5V,
–40
°C to +85°C
D083A
-
-
0.6
V
IOL = 1.2 mA, VDD = 4.5V,
–40
°C to +125°C
†
Data in “Typ” column is at 5V, 25
°C unless otherwise stated. These parameters are for design guidance only
and are not tested.
Note 1: In EXTRC oscillator configuration, the OSC1/CLKIN pin is a Schmitt Trigger input. It is not recommended that
the PIC12C67X be driven with external clock in RC mode.
2: The leakage current on the MCLR pin is strongly dependent on the applied voltage level. The specified levels
represent normal operating conditions. Higher leakage current may be measured at different input voltages.
3: Negative current is defined as coming out of the pin.
4: Extended operating range is Advance Information for this device.
5: When configured as external reset, the input leakage current is the weak pulll-up current of -10mA minimum.
This pull-up is weaker than the standard I/O pull-up.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com