Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC12CE673-04E/P Datasheet(PDF) 68 Page - Microchip Technology

Part # PIC12CE673-04E/P
Description  8-Pin, 8-Bit CMOS Microcontroller with A/D Converter and EEPROM Data Memory
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC12CE673-04E/P Datasheet(HTML) 68 Page - Microchip Technology

Back Button PIC12CE673-04E/P Datasheet HTML 64Page - Microchip Technology PIC12CE673-04E/P Datasheet HTML 65Page - Microchip Technology PIC12CE673-04E/P Datasheet HTML 66Page - Microchip Technology PIC12CE673-04E/P Datasheet HTML 67Page - Microchip Technology PIC12CE673-04E/P Datasheet HTML 68Page - Microchip Technology PIC12CE673-04E/P Datasheet HTML 69Page - Microchip Technology PIC12CE673-04E/P Datasheet HTML 70Page - Microchip Technology PIC12CE673-04E/P Datasheet HTML 71Page - Microchip Technology PIC12CE673-04E/P Datasheet HTML 72Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 116 page
background image
PIC12CE67X
DS40181B-page 68
Preliminary
© 1998 Microchip Technology Inc.
GOTO
Unconditional Branch
Syntax:
[
label ]
GOTO k
Operands:
0
≤ k ≤ 2047
Operation:
k
→ PC<10:0>
PCLATH<4:3>
→ PC<12:11>
Status Affected:
None
Encoding:
10
1kkk
kkkk
kkkk
Description:
GOTO
is an unconditional branch. The
eleven bit immediate value is loaded
into PC bits <10:0>. The upper bits of
PC are loaded from PCLATH<4:3>.
GOTO
is a two cycle instruction.
Words:
1
Cycles:
2
Example
GOTO THERE
After Instruction
PC =
Address THERE
INCF
Increment f
Syntax:
[
label ]
INCF f,d
Operands:
0
≤ f ≤ 127
d
∈ [0,1]
Operation:
(f) + 1
→ (dest)
Status Affected:
Z
Encoding:
00
1010
dfff
ffff
Description:
The contents of register 'f' are incre-
mented. If 'd' is 0 the result is placed
in the W register. If 'd' is 1 the result is
placed back in register 'f'.
Words:
1
Cycles:
1
Example
INCF
CNT,
1
Before Instruction
CNT
=
0xFF
Z
=
0
After Instruction
CNT
=
0x00
Z
=
1
INCFSZ
Increment f, Skip if 0
Syntax:
[
label ]
INCFSZ f,d
Operands:
0
≤ f ≤ 127
d
∈ [0,1]
Operation:
(f) + 1
→ (dest), skip if result = 0
Status Affected:
None
Encoding:
00
1111
dfff
ffff
Description:
The contents of register 'f' are incre-
mented. If 'd' is 0 the result is placed
in the W register. If 'd' is 1 the result is
placed back in register 'f'.
If the result is 0, the next instruction,
which is already fetched, is discarded.
A NOP is executed instead making it a
two cycle instruction
.
Words:
1
Cycles:
1(2)
Example
HERE
INCFSZ
CNT,
1
GOTO
LOOP
CONTINUE •
•
•
Before Instruction
PC
=
address HERE
After Instruction
CNT
=
CNT + 1
if CNT=
0,
PC
=
address CONTINUE
if CNT
≠
0,
PC
=
address HERE +1
IORLW
Inclusive OR Literal with W
Syntax:
[
label ]
IORLW k
Operands:
0
≤ k ≤ 255
Operation:
(W) .OR. k
→ (W)
Status Affected:
Z
Encoding:
11
1000
kkkk
kkkk
Description:
The contents of the W register is
OR’ed with the eight bit literal 'k'. The
result is placed in the W register
.
Words:
1
Cycles:
1
Example
IORLW
0x35
Before Instruction
W
=
0x9A
After Instruction
W
=
0xBF
Z
=
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com