Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC12CE673-04E/P Datasheet(PDF) 101 Page - Microchip Technology

Part # PIC12CE673-04E/P
Description  8-Pin, 8-Bit CMOS Microcontroller with A/D Converter and EEPROM Data Memory
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC12CE673-04E/P Datasheet(HTML) 101 Page - Microchip Technology

Back Button PIC12CE673-04E/P Datasheet HTML 97Page - Microchip Technology PIC12CE673-04E/P Datasheet HTML 98Page - Microchip Technology PIC12CE673-04E/P Datasheet HTML 99Page - Microchip Technology PIC12CE673-04E/P Datasheet HTML 100Page - Microchip Technology PIC12CE673-04E/P Datasheet HTML 101Page - Microchip Technology PIC12CE673-04E/P Datasheet HTML 102Page - Microchip Technology PIC12CE673-04E/P Datasheet HTML 103Page - Microchip Technology PIC12CE673-04E/P Datasheet HTML 104Page - Microchip Technology PIC12CE673-04E/P Datasheet HTML 105Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 101 / 116 page
background image
© 1998 Microchip Technology Inc.
Preliminary
DS40181B-page 101
PIC12CE67X
FIGURE 13-4: IOH vs. VOH, VDD = 2.5 V
FIGURE 13-5: IOH vs. VOH, VDD = 3.5 V
500m
1.0
1.5
VOH (Volts)
2.0
2.5
0
-1
-2
-3
-4
-5
-6
-7
Min +125
°C
Max –40°
C
Typ +25°
C
Min +85
°C
3.0
1.5
VOH (Volts)
2.0
2.5
0
-5
-10
-15
-20
.50
-18
-13
-8
-3
Min
+125
°C
Min
+85
°C
Typ
+25
°C
Max
–40
°C
FIGURE 13-6: IOL vs. VOL, VDD = 2.5 V
FIGURE 13-7: IOL vs. VOL, VDD = 3.5 V
25
20
15
10
5
0
250.0m
500.0m
1.0
VOL (Volts)
Min +85
°C
Max –40
°C
Typ +25
°C
0
Min +125
°C
40
30
20
10
0
.50
.75
1.0
VOL (Volts)
0
Max –40
°C
Typ +25
°C
Min +85
°C
Min +125
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com