Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT83C5111 Datasheet(PDF) 82 Page - ATMEL Corporation

Part # AT83C5111
Description  Low Pin Count 8-bit Microcontroller with A/D Converter
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT83C5111 Datasheet(HTML) 82 Page - ATMEL Corporation

Back Button AT83C5111 Datasheet HTML 78Page - ATMEL Corporation AT83C5111 Datasheet HTML 79Page - ATMEL Corporation AT83C5111 Datasheet HTML 80Page - ATMEL Corporation AT83C5111 Datasheet HTML 81Page - ATMEL Corporation AT83C5111 Datasheet HTML 82Page - ATMEL Corporation AT83C5111 Datasheet HTML 83Page - ATMEL Corporation AT83C5111 Datasheet HTML 84Page - ATMEL Corporation AT83C5111 Datasheet HTML 85Page - ATMEL Corporation AT83C5111 Datasheet HTML 86Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 82 / 86 page
background image
82
AT8xC5111
4190A–8051–11/02
Ordering Information
Table 1. Maximum Clock Frequency
Code
-L (Vcc = 5V)
-L (Vcc = 3V)
Unit
Standard Mode, oscillator frequency
Standard Mode, internal frequency
40
40
40
40
MHz
X2 Mode, oscillator frequency
X2 Mode, internal equivalent
frequency
33
66
20
40
MHz
Table 2. Possible Order Entries
Part Number
Memory Size
(Bytes)
Supply Voltage
Temperature
Range
Max
Frequency
(MHz)
Package
Packing
AT87C5111-3ZSIL
4K Bytes OTP
2.7 - 5.5V
Industrial
66
DIL24
Stick
AT87C5111-TDSIL
4K Bytes OTP
2.7 - 5.5V
Industrial
66
SO24
Stick
AT87C5111-TDRIL
4K Bytes OTP
2.7 - 5.5V
Industrial
66
SO24
Tape & Reel
AT87C5111-ICSIL
4K Bytes OTP
2.7 - 5.5V
Industrial
66
SSOP24
Stick
AT87C5111-ICRIL
4K Bytes OTP
2.7 - 5.5V
Industrial
66
SSOP24
Tape & Reel
AT83C5111-3ZSIL
4K Bytes ROM
2.7 - 5.5V
Industrial
66
DIL24
Stick
AT83C5111-TDSIL
4K Bytes ROM
2.7 - 5.5V
Industrial
66
SO24
Stick
AT83C5111-TDRIL
4K Bytes ROM
2.7 - 5.5V
Industrial
66
SO24
Tape & Reel
AT83C5111-ICSIL
4K Bytes ROM
2.7 - 5.5V
Industrial
66
SSOP24
Stick
AT83C5111-ICRIL
4K Bytes ROM
2.7 - 5.5V
Industrial
66
SSOP24
Tape & Reel



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com