Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT83C5111 Datasheet(PDF) 57 Page - ATMEL Corporation

Part # AT83C5111
Description  Low Pin Count 8-bit Microcontroller with A/D Converter
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT83C5111 Datasheet(HTML) 57 Page - ATMEL Corporation

Back Button AT83C5111 Datasheet HTML 53Page - ATMEL Corporation AT83C5111 Datasheet HTML 54Page - ATMEL Corporation AT83C5111 Datasheet HTML 55Page - ATMEL Corporation AT83C5111 Datasheet HTML 56Page - ATMEL Corporation AT83C5111 Datasheet HTML 57Page - ATMEL Corporation AT83C5111 Datasheet HTML 58Page - ATMEL Corporation AT83C5111 Datasheet HTML 59Page - ATMEL Corporation AT83C5111 Datasheet HTML 60Page - ATMEL Corporation AT83C5111 Datasheet HTML 61Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 86 page
background image
57
AT8xC5111
4190A–8051–11/02
Clock Selection
The maximum clock frequency for ADC (CONV_CK for Conversion Clock) is defined in
the AC characteristics section. A prescaler is featured (ADCCLK) to generate the
CONV_CK clock from the oscillator frequency.
Figure 3. A/D Converter Clock
The conversion frequency CONV_CK is derived from the oscillator frequency with the
following formulas:
FCkAdc = FOscOut/(512 - 2*CKRL) , if X2 = 0
= FOscOut
, if X2 = 1
and
FCONV_CK = FCkAdc/(2*PRS), if PRS > 0
FCONV_CK = FCkAdc/256, if PRS = 0
Some examples can be found in the table below:
ADC Standby Mode
When the ADC is not used, it is possible to set it in standby mode by clearing bit ADEN
in ADCON register.
In this mode the power dissipation is about 1 µW.
Voltage Reference
The Vref pin is used to enter the voltage reference for the A/D conversion.
Best accuracy is obtained with 0.9 V
CC < VREF < VCC.
IT ADC Management
An interrupt end-of-conversion will occur when the bit ADEOC is activated and the bit
EADC is set. To re-arm the interrupt the bit ADEOC must be cleared by software.
Figure 4. ADC Interrupt Structure
Prescaler ADCLK
A/D
Converter
CONV_CK
CKADC
/2
F
OscOut
MHz
X2
CKRL
F
CkAdc
Mhz
ADCLK
F
CONV_CK
khz
Conversion
time
µs
16
0
FF
8
12
333
33
16
1
NA
16
32
250
44
ADEOC
ADCON.2
EADC
IE1.1
ADCI



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com