Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT83C5111 Datasheet(PDF) 68 Page - ATMEL Corporation

Part # AT83C5111
Description  Low Pin Count 8-bit Microcontroller with A/D Converter
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT83C5111 Datasheet(HTML) 68 Page - ATMEL Corporation

Back Button AT83C5111 Datasheet HTML 64Page - ATMEL Corporation AT83C5111 Datasheet HTML 65Page - ATMEL Corporation AT83C5111 Datasheet HTML 66Page - ATMEL Corporation AT83C5111 Datasheet HTML 67Page - ATMEL Corporation AT83C5111 Datasheet HTML 68Page - ATMEL Corporation AT83C5111 Datasheet HTML 69Page - ATMEL Corporation AT83C5111 Datasheet HTML 70Page - ATMEL Corporation AT83C5111 Datasheet HTML 71Page - ATMEL Corporation AT83C5111 Datasheet HTML 72Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 86 page
background image
68
AT8xC5111
4190A–8051–11/02
ROM
ROM Structure
The AT83C511 ROM memory is divided in three different arrays:
•
The code array: ................................................................................4K Bytes
•
The encryption array: .......................................................................64 bytes
•
The signature array:..........................................................................4 bytes
•
ROM Lock System
The program Lock system, when programmed, protects the on-chip program against
software piracy.
Encryption Array
Within the ROM array there are 64 bytes of encryption array. Every time a byte is
addressed during program verify, 6 address lines are used to select a byte of the
encryption array. This byte is then exclusive-NOR’ed (XNOR) with the code byte, creat-
ing an encrypted verify byte. The algorithm, with the encryption array in the
unprogrammed state, will return the code in its original, unmodified form.
When using the encryption array, one important factor needs to be considered. If a byte
has the value FFh, verifying the byte will produce the encryption byte value. If a large
block (>64 bytes) of code is left unprogrammed, a verification routine will display the
content of the encryption array. For this reason all the unused code bytes should be pro-
grammed with random values.
Configuration Byte
The configuration byte is a special register. Its content, described in paragraph
Section “Registers”, page 10 is defined by the diffusion mask in the ROM version or writ-
ten by the OTP programmer in the OTP version.
The lock bits when programmed according to Table 55 will provide different levels of
protection for the on-chip code and data.
Notes:
1. U: unprogrammed
2. P: programmed
*Warning: When security bit is set, ROM contend cannot be verified. Only the CRC is verified.
Signature Bytes
The T80C5111 contains 4 factory programmed signatures bytes. To read these bytes,
perform the process described in Section “Signature Bytes Content”, page 69.
Verify Algorithm
Refer to Section “Verify Algorithm”, page 68.
Program Code Mapping
As there is no external capability in LPC packages, the code size is limited to 4K Bytes.
Any access above 4K will be mapped in the first 4K segment (0XXXh).
Table 1. Program Lock Bits
Program Lock Bits
Protection Description
Security
Level
LB1
LB2
1U
U
No program lock features enabled. Code verify will still be encrypted by the encryption array if
programmed. MOVC instruction returns non encrypted data.
2
P
U
Same as 1
3U
P
Same as 2, also verify is disabled.
This security level is available because ROM integrity will be verified thanks to another method*.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com