Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT83C5111 Datasheet(PDF) 21 Page - ATMEL Corporation

Part # AT83C5111
Description  Low Pin Count 8-bit Microcontroller with A/D Converter
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT83C5111 Datasheet(HTML) 21 Page - ATMEL Corporation

Back Button AT83C5111 Datasheet HTML 17Page - ATMEL Corporation AT83C5111 Datasheet HTML 18Page - ATMEL Corporation AT83C5111 Datasheet HTML 19Page - ATMEL Corporation AT83C5111 Datasheet HTML 20Page - ATMEL Corporation AT83C5111 Datasheet HTML 21Page - ATMEL Corporation AT83C5111 Datasheet HTML 22Page - ATMEL Corporation AT83C5111 Datasheet HTML 23Page - ATMEL Corporation AT83C5111 Datasheet HTML 24Page - ATMEL Corporation AT83C5111 Datasheet HTML 25Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 86 page
background image
21
AT8xC5111
4190A–8051–11/02
Registers
Table 2. P1M1 Address (D4h)
Reset value = 0000 00XX
Table 3. P1M2 Address (E2h)
Reset value = 0000 00XX
Table 4. P3M1 Address (D5h)
Reset value = 0000 0000
Table 5. P3M2 Address (E4h)
Reset value = 0000 0000
7654
3210
P1M1.7
P1M1.6
P1M1.5
P1M1.4
P1M1.3
P1M1.2
P1M1.1
P1M1.0
Bit Number
Bit
Mnemonic
Description
7:0
P1M1.x
Port Output configuration bit
See Table 10. for configuration definition
7654
3210
P1M2.7
P1M2.6
P1M2.5
P1M2.4
P1M2.3
P1M2.2
P1M2.1
P1M2.0
Bit Number
Bit
Mnemonic
Description
7:0
P1M2.x
Port Output configuration bit
See Table 10. for configuration definition
7654
3210
P3M1.7
P3M1.6
P3M1.5
P3M1.4
P3M1.3
P3M1.2
P3M1.1
P3M1.0
Bit Number
Bit
Mnemonic
Description
7:0
P3M1.x
Port Output configuration bit
See Table 10 for configuration definition
7654
3210
P3M2.7
P3M2.6
P3M2.5
P3M2.4
P3M2.3
P3M2.2
P3M2.1
P3M2.0
Bit
Number
Bit
Mnemonic
Description
7:0
P3M2.x
Port Output configuration bit
See Table 10 for configuration definition



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com